Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44014GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP44014GS
Description  Boundary Mode PFC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44014GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP44014GS Datasheet HTML 1Page - Monolithic Power Systems MP44014GS Datasheet HTML 2Page - Monolithic Power Systems MP44014GS Datasheet HTML 3Page - Monolithic Power Systems MP44014GS Datasheet HTML 4Page - Monolithic Power Systems MP44014GS Datasheet HTML 5Page - Monolithic Power Systems MP44014GS Datasheet HTML 6Page - Monolithic Power Systems MP44014GS Datasheet HTML 7Page - Monolithic Power Systems MP44014GS Datasheet HTML 8Page - Monolithic Power Systems MP44014GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP44014 – BOUNDARY MODE PFC CONTROLLER
MP44014 Rev. 1.01
www.MonolithicPower.com
3
11/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 15V, CGATE = 1nF, TJ = -40C~+125C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating range
VCC
After turn on
10.7
21
V
Turn-on threshold
VCC_on
11
12.3
13.8
V
Turn-off threshold
VCC_off
8.7
9.8
10.8
V
Hysteresis
VCC_hys
2.1
3
V
Zener voltage
Vz
IIN = 20mA
22
25
29
V
Supply Current
Start-up current
Istartup
VCC = 11V
15
30
µA
Quiescent current
Iq
No switch
2.5
3.2
mA
Operating current
Icc
Fs
=
70kHz,
CLOAD = 1nF
3.5
4.5
mA
Quiescent current
Iq
During
OVP
(either
static or dynamic)
or VFB ≤ 150mV
0.46
0.7
mA
Multiplier
Input bias current
IMULT
-1
µA
Linear operation range
VMULT
0
3
V
Output max. slope
ΔVCS/ΔVMULT
VMULT = 0~0.6V
VCOMP = upper clamp
1.60
1.90
V/V
Gain
(6)
K
VMULT = 1V, VCOMP = 4V,
TJ = 25
oC
0.5
0.6
0.7
1/V
Error Amplifier
Feedback voltage
VFB
TJ = 25
oC
2.465
2.5
2.535
V
Feedback voltage line regulation
VFB_LR
VCC = 10.7V to 22V
2
5
mV
Feedback bias current
IFB
VFB = 2.6V
1
µA
Source current
ICOMP_source
VCOMP = 4V, VFB = 2.4V,
TJ = 25
oC
-2.7
-4.7
-6.9
mA
Sink current
ICOMP_sink
VCOMP = 4V, VFB = 2.6V,
TJ = 25
oC
3
5
mA
Upper clamp voltage
VCOMP_H
VFB = 2V, Icomp = -0.5mA
5.5
6.1
6.5
V
Lower clamp voltage
VCOMP_L
VFB = 2V, Icomp = -0.5mA
2.0
2.15
2.3
V
Current Sense Comparator
Input bias current
ICS
CS = 0
-1
µA
Turn-off delay
TDT
MULT = 0.2V
190
ns
LEB time
TLEB
MULT = 0.2V
45
70
95
ns
Current sense clamp voltage
VCS_Clamp
1.6
1.72
1.83
V
VMULT = 0V
26
mV
Current sense offset
VCS_Offset
VMULT = 2.5V
8
mV
Zero Current Sensor
Upper clamp voltage
VZCSclamp_H IZCS = 2.5mA
7.1
7.8
8.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com