Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44014GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP44014GS
Description  Boundary Mode PFC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44014GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP44014GS Datasheet HTML 1Page - Monolithic Power Systems MP44014GS Datasheet HTML 2Page - Monolithic Power Systems MP44014GS Datasheet HTML 3Page - Monolithic Power Systems MP44014GS Datasheet HTML 4Page - Monolithic Power Systems MP44014GS Datasheet HTML 5Page - Monolithic Power Systems MP44014GS Datasheet HTML 6Page - Monolithic Power Systems MP44014GS Datasheet HTML 7Page - Monolithic Power Systems MP44014GS Datasheet HTML 8Page - Monolithic Power Systems MP44014GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP44014 – BOUNDARY MODE PFC CONTROLLER
MP44014 Rev. 1.01
www.MonolithicPower.com
4
11/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 15V, CGATE = 1nF, TJ = -40C~+125C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Lower clamp voltage
VZCSclamp_L IZCS = -2.5mA
0.2
0.5
0.7
V
VZCS_H
VZCS rising
2.1
2.21
V
Zero current sensing threshold
VZCS_L
VZCS falling
1.45
1.56
1.66
V
ZCS_DISABLE threshold
VZCS_DISABLE_
140
185
230
mV
ZCS_EN threshold
VZCS_EN
260
320
380
mV
Source current capability
IZCS_source
-1.8
mA
Restart current after disable
IZCS_res
55
85
µA
Re-Starter
Re-start time
Tstart
80
175
280
µs
Over Voltage
Dynamic OVP current
IOVP
35
40
45
µA
Hysteresis
IOVP_Hys
30
µA
Static OVP threshold
VOVP
2.15
2.25
2.35
V
Gate Driver
IGDsource = 20mA
2.4
3.1
V
VOH
IGDsource = 200mA
3.9
5.0
V
Dropout voltage
VOL
IGDsink = 200mA
0.9
1.9
V
Voltage fall time
Tf
30
70
ns
Voltage rise time
Tr
40
80
ns
Max. output drive voltage
VD_max
12
13.5
15.5
V
Source current capability
IGate_source
-750
mA
Sink current capability
IGate_sink
800
mA
UVLO saturation voltage
VSaturation
VCC = 0 to VCC_ON,
IGate_sink = 10mA
0.3
V
NOTES:
6) The multiplier output is given by: Vcs = K·VMUTL·(VCOMP-2.5).
7) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com