Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44014GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP44014GS
Description  Boundary Mode PFC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44014GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP44014GS Datasheet HTML 4Page - Monolithic Power Systems MP44014GS Datasheet HTML 5Page - Monolithic Power Systems MP44014GS Datasheet HTML 6Page - Monolithic Power Systems MP44014GS Datasheet HTML 7Page - Monolithic Power Systems MP44014GS Datasheet HTML 8Page - Monolithic Power Systems MP44014GS Datasheet HTML 9Page - Monolithic Power Systems MP44014GS Datasheet HTML 10Page - Monolithic Power Systems MP44014GS Datasheet HTML 11Page - Monolithic Power Systems MP44014GS Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP44014 – BOUNDARY MODE PFC CONTROLLER
MP44014 Rev. 1.01
www.MonolithicPower.com
11
11/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Boundary Conduction Mode
When the current of the boost inductor reaches
zero, the voltage on the inductor is reversed.
ZCS then generates the turn-on signal of the
MOSFET by sensing the falling edge of the
voltage on the auxiliary winding coupled with the
inductor. If the ZCS voltage rises above 2.1V, the
comparator waits until the voltage falls below
1.6V. Once the voltage falls below 1.6V, the
MP44014 turns on the MOSFET. The 7.8V high
clamp and 0.55V low clamp protect ZCS. The
internal 175µs timer generates a signal to turn on
the MOSFET if the driver signal has been low for
more than 175µs. This also allows the MOSFET
to turn on during the start-up period since no
signal is generated from ZCD during start-up.
Zero-Crossing Compensation
The MP44014 offers 30mV voltage offset for the
multiplier output near the zero crossing of the line
voltage (which can force the circuit to process
more energy at the bottom of the line voltage).
With this function, the THD of the current is
reduced.
To prevent redundant energy, this offset is
reduced as the instantaneous line voltage
increases. Therefore the offset will be negligible
near the top of the line voltage.
Power Factor Correction
The MP44014 senses the inductor current
through the current sense pin and compares it
to the sinusoidal-shaped signal, which is
generated from the output of the multiplier. When
the external power MOSFET turns on, the
inductor current rises linearly. When the peak
current hits the sinusoidal-shaped signal, the
external power MOSFET begins to turn off, and
the diode turns on. Also, the inductor current
begins to fall. When the inductor current reaches
zero, the power MOSFET begins to turn on again,
which causes the inductor current to start rising
again. The power circuit works in boundary
conduction mode, and the envelope of the
inductor current is sinusoidal shaped. The
average input current is half of the peak current,
so the average input current is also sinusoidal
shaped. A high power factor can be achieved
through this control method (see Figure 4).
Multiplier output
Inductor current
Input average current
Figure 4: Inductor Current Waveform
The control flow chart of the MP44014 is shown
in Figure 5.
Figure 5: Control Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com