Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KOM-2125 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # KOM-2125
Description  Suitable for applications from 400 nm to 1100 nm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM-2125 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button KOM-2125 Datasheet HTML 3Page - OSRAM GmbH KOM-2125 Datasheet HTML 4Page - OSRAM GmbH KOM-2125 Datasheet HTML 5Page - OSRAM GmbH KOM-2125 Datasheet HTML 6Page - OSRAM GmbH KOM-2125 Datasheet HTML 7Page - OSRAM GmbH KOM-2125 Datasheet HTML 8Page - OSRAM GmbH KOM-2125 Datasheet HTML 9Page - OSRAM GmbH KOM-2125 Datasheet HTML 10Page - OSRAM GmbH KOM-2125 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Version 1.4
KOM 2125
2016-04-11
7
Tape dimensions [mm]
Tape dim ensi ons in m m
Reel dimensions [mm]
Reel dim ensi ons in m m
Barcode-Product-Label (BPL)
Tape and Reel
16 mm tape with 1400 pcs. on ∅ 180 mm reel
W
P
0
P
1
P
2
D
0
E
F
16 + 0.3 / - 0.1 4 ± 0.1
12 ± 0.1
or 8 ± 0.1
2 ± 0.1
1.5 ± 0.1
1.75 ± 0.1
7.5 ± 0.1
A
W
Nmin
W1
W2max
180
16
60 / 100
16.4 + 2
22.4
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
X
Temp
ST
XXX °C X
Pack: RXX
DEMY
XXX
X_X123_1234.1234 X
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
EXAM
PLE
X_X123_1234.1234 X
X_X123_1234.1234 X
EXAM
PLE
EXAM
PLE
EXAM
PLE
XXX
XXX
X_X123_1234.1234 X
X_X123_1234.1234 X
XX-XX-X-X
XX-XX-X-X
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
XXX
XXX
X_X123_1234.1234 X
X_X123_1234.1234 X
XX-XX-X-X
XX-XX-X-X
EXAM
PLE
Pack: RXX
XXX
X_X123_1234.1234 X
X_X123_1234.1234 X
XX-XX-X-X
EXAM
PLE
Pack: RXX
Pack: RXX
DEMY
DEMY
EXAM
PLE
1234
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
(9D) D/C:
(9D) D/C:
1234
1234
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
1234
1234
EXAM
PLE
Pack: RXX
Pack: RXX
DEMY
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
(9D) D/C:
(9D) D/C:
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
(9D) D/C:
1234
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
(9D) D/C:
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
1234567890
1234567890
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
(6P) BATCH NO:
(6P) BATCH NO:
1234567890
1234567890
Semiconductors
Semiconductors
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
EXAM
PLE
(6P) BATCH NO:
(6P) BATCH NO:
1234567890
1234567890
EXAM
PLE
Semiconductors
Semiconductors
OSRAM Opto
OSRAM Opto
EXAM
PLE
EXAM
PLE
1234567890
X_X123_1234.1234 X
Pack: RXX
DEMY
X_X123_1234.1234 X
(9D) D/C:
1234
(9D) D/C:
1234567890
(6P) BATCH NO:
1234567890
OSRAM Opto
XXX
X_X123_1234.1234 X
XX-XX-X-X
Pack: RXX
DEMY
Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com