Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KOM-2125 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # KOM-2125
Description  Suitable for applications from 400 nm to 1100 nm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM-2125 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button KOM-2125 Datasheet HTML 3Page - OSRAM GmbH KOM-2125 Datasheet HTML 4Page - OSRAM GmbH KOM-2125 Datasheet HTML 5Page - OSRAM GmbH KOM-2125 Datasheet HTML 6Page - OSRAM GmbH KOM-2125 Datasheet HTML 7Page - OSRAM GmbH KOM-2125 Datasheet HTML 8Page - OSRAM GmbH KOM-2125 Datasheet HTML 9Page - OSRAM GmbH KOM-2125 Datasheet HTML 10Page - OSRAM GmbH KOM-2125 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2016-04-11
10
Version 1.4
KOM 2125
Glossary
1) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com