Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KOM-2125 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KOM-2125
Description  Suitable for applications from 400 nm to 1100 nm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM-2125 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KOM-2125 Datasheet HTML 3Page - OSRAM GmbH KOM-2125 Datasheet HTML 4Page - OSRAM GmbH KOM-2125 Datasheet HTML 5Page - OSRAM GmbH KOM-2125 Datasheet HTML 6Page - OSRAM GmbH KOM-2125 Datasheet HTML 7Page - OSRAM GmbH KOM-2125 Datasheet HTML 8Page - OSRAM GmbH KOM-2125 Datasheet HTML 9Page - OSRAM GmbH KOM-2125 Datasheet HTML 10Page - OSRAM GmbH KOM-2125 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
2016-04-11
11
Version 1.4
KOM 2125
Published by OSRAM Opto Semiconductors GmbH
Leibnizstraße 4, D-93055 Regensburg
www.osram-os.com © All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com