Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KOM-2125 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # KOM-2125
Description  Suitable for applications from 400 nm to 1100 nm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM-2125 Datasheet(HTML) 3 Page - OSRAM GmbH

  KOM-2125 Datasheet HTML 1Page - OSRAM GmbH KOM-2125 Datasheet HTML 2Page - OSRAM GmbH KOM-2125 Datasheet HTML 3Page - OSRAM GmbH KOM-2125 Datasheet HTML 4Page - OSRAM GmbH KOM-2125 Datasheet HTML 5Page - OSRAM GmbH KOM-2125 Datasheet HTML 6Page - OSRAM GmbH KOM-2125 Datasheet HTML 7Page - OSRAM GmbH KOM-2125 Datasheet HTML 8Page - OSRAM GmbH KOM-2125 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.4
KOM 2125
2016-04-11
3
Short-circuit current
(E
v = 1000 lx, Std. Light A; Diode B)
(typ)
ISC
95
µA
Rise and fall time
(V
R = 5 V, RL = 50 Ω, λ = 850 nm; Diode A)
(typ)
t
r, tf
0.018
µs
Rise and fall time
(VR = 5 V, RL = 50 Ω, λ = 850 nm; Diode B)
(typ)
t
r, tf
0.025
µs
Forward voltage
(IF = 100 mA, Ee = 0)
(typ)
VF
1
V
Capacitance
(V
R = 0 V, f = 1MHz, E = 0; Diode A)
(typ)
C0
40
pF
Capacitance
(V
R = 0 V, f = 1MHz, E = 0; Diode B)
(typ)
C
0
100
pF
Temperature coefficient of V
O
(typ)
TC
V
-2.6
mV / K
Temperature coefficient of ISC
(typ)
TCI
0.18
% / K
Noise equivalent power
(VR = 10 V; Diode A, λ = 870 nm)
(typ)
NEP
0.065
pW /
Hz
½
Noise equivalent power
(VR = 10 V; Diode B, λ = 870 nm)
(typ)
NEP
0.091
pW /
Hz½
Detection limit
(VR = 10 V; Diode A, λ = 870 nm)
(typ)
D*
3.1e12
cm x
Hz½ / W
Detection limit
(VR = 10 V; Diode B, λ = 870 nm)
(typ)
D*
3.5e12
cm x
Hz
½ / W
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com