Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100L Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP100L
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100L Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP100L Datasheet HTML 1Page - Monolithic Power Systems MP100L Datasheet HTML 2Page - Monolithic Power Systems MP100L Datasheet HTML 3Page - Monolithic Power Systems MP100L Datasheet HTML 4Page - Monolithic Power Systems MP100L Datasheet HTML 5Page - Monolithic Power Systems MP100L Datasheet HTML 6Page - Monolithic Power Systems MP100L Datasheet HTML 7Page - Monolithic Power Systems MP100L Datasheet HTML 8Page - Monolithic Power Systems MP100L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP100L EASYPOWER
TM – OFFLINE INDUCTOR-LESS REGULATOR
ABSOLUTE MAXIMUM RATINGS
(1)
VIN ................................................. -1V to 700V
VOUT ........................................... -0.3V to 28 V
VB.................................................. -0.3V to 35V
FB................................................. -0.3V to 6.5V
PG ................................................. -0.3V to 14V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC-8 EP.................................................2.5W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature............... -55°C to +150°C
Recommended Operating Conditions
(3)
50/60HZ AC RMS Voltage ............. 85V to 305V
VB...................................................... 8V to 30V
Operating Junction Temp. (TJ) . -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC-8 EP………………………..50
10
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/
θ
JA.
Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
MP100L Rev. 1.0
www.MonolithicPower.com
3
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com