Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100L Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP100L
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100L Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP100L Datasheet HTML 8Page - Monolithic Power Systems MP100L Datasheet HTML 9Page - Monolithic Power Systems MP100L Datasheet HTML 10Page - Monolithic Power Systems MP100L Datasheet HTML 11Page - Monolithic Power Systems MP100L Datasheet HTML 12Page - Monolithic Power Systems MP100L Datasheet HTML 13Page - Monolithic Power Systems MP100L Datasheet HTML 14Page - Monolithic Power Systems MP100L Datasheet HTML 15Page - Monolithic Power Systems MP100L Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP100L EASYPOWER
TM – OFFLINE INDUCTOR-LESS REGULATOR
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set to 12V by internal large
feedback resistors. Adjust VOUT by choosing
appropriate external feedback resistors. The
recommended output voltage is between 1.5V
and 15V. Defining the upper and lower feedback
resistors as RUP and RLW respectively (refer to the
picture in Typical Application section):
=
×−
UP
LW
VOUT
R
R
(
1)
1.235
For the external resistors to dominate over the
internal resistors, select relatively small values of
RUP and RLW compared to the internal resistors.
However, to minimize the load consumption,
avoid very small external resistors. For most
applications, choose RLW=10.2k
Ω. To accurately
set the output voltage, select an RUP that can
counter
the internal upper-feedback
resistor
value of 1M
Ω. The table below lists typical
resistor values for different output voltages:
Table 1: Resistors Selecting vs. Output Voltage
Setting
VOUT(V)
RUP
(kΩ)
RLW
(kΩ)
1.5
2.21(1%)
10.2(1%)
3.3
16.9(1%)
10.2(1%)
5
30.9(1%)
10.2(1%)
15
121(1%)
10.2(1%)
SELECTION OF VD CAPACITOR
The bypass capacitor on the VD pin needs to be
sufficiently large to provide a stable current.
Calculate the capacitance (in
μF) based on the
following equation:
×τ
= load
s
VD
ripple
I
C
V
Where, Iload is the output current (mA);
s
τ is
based on the type of input rectifier—for example,
s
τ is 20ms for a half-wave rectifier, and 10ms for
a full-bridge rectifier, Vripple is the voltage ripple on
the VD capacitor—normally the ripple is limited to
2V to 3V. For best results, use a small ceramic
capacitor and a large aluminum capacitor in
parallel.
Output Power Capability
The maximum input power to the VD capacitor is
limited by the fixed charging window. Considering
the LDO power loss, the MP100L has a limited
maximum output power.
The following factors influence the MP100L’s
maximum output power: the input rectifier (full
bridge or half-wave); the VD capacitor connected
between VD and GND; the output voltage; and
the
MP100L’s
temperature-rise
requirement,
which is relative to the different application
environments.
VAC
VIN
VAC
GND
VIN
GND
Full Bridge Rectifier Half-wave Rectifier
Figure depicts the relationship between the
maximum output power and the VIN voltage
when the output voltage is 12V, 5V and 3.3V,
respectively. The plots account for full bridge
rectifiers, the temperature rise of MP100L is less
than 60°C on the test board in 25°C room
temperature test in the open frame.
Figure 2: Output Power vs. Input Voltage
Line Transformer
MP100L can work well when connected to AC
line or programmable AC source. But when using
an isolation transformer or a variable transformer
as source, because of the high inductance of the
MP100L Rev. 1.0
www.MonolithicPower.com
12
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com