Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100L Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP100L
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100L Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP100L Datasheet HTML 1Page - Monolithic Power Systems MP100L Datasheet HTML 2Page - Monolithic Power Systems MP100L Datasheet HTML 3Page - Monolithic Power Systems MP100L Datasheet HTML 4Page - Monolithic Power Systems MP100L Datasheet HTML 5Page - Monolithic Power Systems MP100L Datasheet HTML 6Page - Monolithic Power Systems MP100L Datasheet HTML 7Page - Monolithic Power Systems MP100L Datasheet HTML 8Page - Monolithic Power Systems MP100L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP100L EASYPOWER
TM – OFFLINE INDUCTOR-LESS REGULATOR
ELECTRICAL CHARACTERISTICS
CVD = 4.7
μF/50V, C
OUT =2.2
μF/50V, T
J = -40°C~+125
oC, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN Section
Input Voltage
VIN
TJ=25
oC
700
V
TJ=-40
oC ~ +125 oC
650
V
Input Supply Current
(Quiescent)
IINQC
VIN = 95V down to 90V &
VD=30V, No Load
20
40
μA
Input Voltage Threshold
(Fast)
VINTHF
VIN Rising
70
86
95
V
Input Voltage Slow Threshold
VINTHS
VIN Rising
31
34
37
V
Input Voltage Slow Threshold
Hysteresis
VINTHS-HYS
2.5
V
MOSFET ON Resistance
RON
IIN=400mA,VB=5V
9.5
Ω
Input Current Rise Time
IINRISERATE
140
200
μs/Amp
Input Current Fall Time
IINFALLRATE
130
180
μs/Amp
VD Section
VD peak voltage limit(OVP)
VDPKLMT
19
21
23
V
VD Under Voltage Lock Out
VDUVLO
6.2
7.0
7.7
V
VD Output Enable Threshold
VDTHOUT
13.2
15.4
17.5
V
Active Bleeder ON
VDBLDON
12.2
14.4
16.5
V
Active Bleeder ON Hysteresis
VDBLDON-HYS
1.3
V
Active Bleeder Current
IDBLD
180
270
360
μA
VOUT Section
VOUT Regulated Voltage
VOUT
VD=30V, IOUT=40mA
11.5
12
12.5
V
Output Current Limit
IOUTLMT
120
220
320
mA
Line Regulation
(5)
VD=15V to 30V, IOUT=100
μA
0.05
0.1
%
Load Regulation
(6)
VD=30V, IOUT=100
μA to 40mA
0.1
0.3
%
Dropout Voltage
(7)
VDROP
IOUT=40mA
0.45
0.75
1.05
V
Ground Pin Current
IG
IOUT=40mA
0.95
1.1
1.25
mA
PSRR
(8)
PSRR
f=10Hz to 50kHz,VD=20V,
CVD=1
μF,C
OUT=4.7
μF
>60
dB
FB Section
Reference Voltage
VFBREF
1.204
1.235
1.266
V
PG Section
Power Good Pull Down
Current
IPG
2
mA
Power Good Threshold
VPGTH
1
1.12
1.24
V
Power Good Hysteresis
VPGTH-HYS
85
mV
Power Good Delay
TPGDELAY
180
245
310
µs
MP100L Rev. 1.0
www.MonolithicPower.com
4
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com