Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100L Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP100L
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100L Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP100L Datasheet HTML 9Page - Monolithic Power Systems MP100L Datasheet HTML 10Page - Monolithic Power Systems MP100L Datasheet HTML 11Page - Monolithic Power Systems MP100L Datasheet HTML 12Page - Monolithic Power Systems MP100L Datasheet HTML 13Page - Monolithic Power Systems MP100L Datasheet HTML 14Page - Monolithic Power Systems MP100L Datasheet HTML 15Page - Monolithic Power Systems MP100L Datasheet HTML 16Page - Monolithic Power Systems MP100L Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP100L EASYPOWER
TM – OFFLINE INDUCTOR-LESS REGULATOR
transformer (usually in the mH’s), high voltage
spikes occur when MP100L turns off the internal
switch connected between VIN and VB, which
may damage the IC.
An X- capacitor must be
installed before the rectifier to guarantee the
reliability of the system.
EMI
To meet the relevant conducted emissions
standard, the internal switch connected between
VIN and VB is designed to turn on and off slowly.
By
adopting
this
method,
a
small
X
cap
connected between the input ports will pass EMI
with enough margins. For general application,
220nF X-capacitor between the input ports is
enough to pass EMI, which will make the whole
system compact.
Surge
From its working principle, mP100L is working
just when VIN falls into its charging window, so
when surges happen at this moment, then a lot of
energy will be by MP100L due to the slow turn off
process. To protect it from damage, a fast turn off
threshold (typically it is 86V) of VIN is set
specially to shut down the switch connected
between VIN and VB quickly.
Since there is no bulk capacitor to absorb AC line
transients, MOV should be used to protect the IC
to survive the transient test. Besides the value of
fuse resistor will also affect the surge result, the
larger value used, the better to facilitate to pass
the surge test, but the more power consumption
will be caused, in the meanwhile, the larger value
used, the easier to trigger its fast turn off
threshold, 20 ohm fuse resistor is recommended
in real application.
Besides, the thermal pad must be connected to
the GND for better surge performance.
PCB Layout Guide
PCB layout is very important to achieve good
regulation, ripple rejection, transient response
and thermal performance. It is highly
recommended to duplicate EVB layout for
optimum performance.
If change is necessary, please follow these
guidelines and take Figure 3 for reference.
1) Minimize the loop area formed by positive
output of rectifier, VIN,VB and GND.
2) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
3) Output capacitor should be put close to the
output terminal.
4) Connect the exposed pad with GND to a
large
copper
area
to
improve
thermal
performance and long-term reliability
GND
GND
RV
MP100L
VD
5
NC
7
FB
3
VB
6
PG
1
VIN
8
GND
2
VOUT
4
U1
BD1
C1
C3
R3
R1
R2
C2
C4
RF
L
N
VOUT
GND
CX1
R4
R5
R6
Top Layer
Bottom Layer
Figure 2: PCB Layout
MP100L Rev. 1.0
www.MonolithicPower.com
13
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com