Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP157GS Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP157GS
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157GS Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP157GS Datasheet HTML 12Page - Monolithic Power Systems MP157GS Datasheet HTML 13Page - Monolithic Power Systems MP157GS Datasheet HTML 14Page - Monolithic Power Systems MP157GS Datasheet HTML 15Page - Monolithic Power Systems MP157GS Datasheet HTML 16Page - Monolithic Power Systems MP157GS Datasheet HTML 17Page - Monolithic Power Systems MP157GS Datasheet HTML 18Page - Monolithic Power Systems MP157GS Datasheet HTML 19Page - Monolithic Power Systems MP157GS Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
17
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
L
N
10uF/400V
C4
10uF/400V
C5
L1
D3
D6
39
R8
D4
D7
33nF
CX1
F1
SS-5-2A
RV1
TVR14431
Figure 10: Solution to Pass 2kV Surge Test
Layout Guide
PCB layout is very important for reliable
operation, good EMI and thermal performance.
Please follow these guidelines to optimize
performance.
1) Minimize the loop area formed by the input
capacitor, IC, freewheeling diode, inductor
and output capacitor.
2) Place the power inductor far away from the
input filter.
3) Place a capacitor valued at several nF
between the FB pin and SOURCE as close
to the IC as possible.
4) Connect the exposed pad with the DRAIN
pin to a larger copper area to improve
thermal performance.
a) Top layer
b) Bottom layer
Figure 11: PCB layout
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 3: Design Example
VIN
85VAC to 265VAC
VOUT
12V
IOUT
350mA
The detailed application schematic is shown in
Figure 12. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets -- EV157-J-
00A_r1.0 or EV157-S-00A_r1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com