Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP157GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP157GS
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP157GS Datasheet HTML 7Page - Monolithic Power Systems MP157GS Datasheet HTML 8Page - Monolithic Power Systems MP157GS Datasheet HTML 9Page - Monolithic Power Systems MP157GS Datasheet HTML 10Page - Monolithic Power Systems MP157GS Datasheet HTML 11Page - Monolithic Power Systems MP157GS Datasheet HTML 12Page - Monolithic Power Systems MP157GS Datasheet HTML 13Page - Monolithic Power Systems MP157GS Datasheet HTML 14Page - Monolithic Power Systems MP157GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
11
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
MP157 is a green mode operation regulator. With
the load decreasing, the peak current and the
switching frequency will both decreasing with the
load. As a result, it still offers excellent efficiency
performance at light load, thus better average
efficiency is achieved. As shown in the typical
application diagram, the regulator is designed to
operate with a minimum number of external
components.
It
incorporates
the
following
features as described in the following sections.
Start-up and Under Voltage Lock-out
The internal high voltage regulator self-supplies
the IC from the Drain pin. The IC starts switching
and the internal high voltage regulator turns off
as soon as the voltage on pin VCC reaches
VCCOFF (4.6V, typical). the internal high voltage
regulator turns on to charge the external Vcc
capacitor When the Vcc voltage decreases below
VCCON (4.45V, typical). So a small capacitor
such as several uF capacitor is enough to hold
on the voltage of Vcc and this can lower the cost
by decreasing the value of the capacitor.
When the voltage on Pin Vcc drops blow VCCstop
(3.3V, typical), the IC stops working, then the
internal high voltage regulator charges the Vcc
capacitor again.
When fault conditions happen, such as OLP,
SCP, and OTP, the IC stops working and an
internal current source, around 16uA, will
discharge the Vcc capacitor, before the Vcc
drops below VCCpro (2.4V, typical), the internal
high voltage regulator will not start to charge the
Vcc capacitor again. So when the fault conditions
happen, the restart time can be calculated by the
following equation,

CC
restart
VCC
VCC
V2.4V
4.6V 2.4V
tC
C
16uA
3.5mA
Figure 2 shows the typical waveform with VCC
under voltage lock out.
VCCOFF=4.6V
VCCON=4.45V
VCC
Internal
Current
Source
Driving
Signal
ON
OFF
VCCStop=3.3V
Figure 2: VCC Under-Voltage Lock Out
Constant Voltage Operation
MP157 is a fully integrated regulator when used
in the Buck solution, as shown in the typical
application on page2.
At the beginning of each cycle, the integrated
MOSFET is turned ON when the feedback
voltage is below the reference voltage — 2.5V,
which indicates insufficient output voltage. The
ON period is determined by the peak current limit.
After the ON period elapses, the integrated
MOSFET is turned OFF. The Freewheeling diode
(D1) will not be turned ON until inductor (L1)
charges the voltage of the sampling capacitor
(C3) to equal the output voltage. The sampling
capacitor voltage changes along with the output
voltage. The sampling capacitor can sample and
hold the output voltage to keep the output voltage
regulated. The voltage of the sampling capacitor
will decrease when the current of inductor is
smaller than the output current. When the
feedback
voltage
falls
below
the
internal
reference voltage — 2.5V, another switching
cycle begins. The detail operation in CCM is
shown as Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com