Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP157GS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP157GS
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157GS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP157GS Datasheet HTML 4Page - Monolithic Power Systems MP157GS Datasheet HTML 5Page - Monolithic Power Systems MP157GS Datasheet HTML 6Page - Monolithic Power Systems MP157GS Datasheet HTML 7Page - Monolithic Power Systems MP157GS Datasheet HTML 8Page - Monolithic Power Systems MP157GS Datasheet HTML 9Page - Monolithic Power Systems MP157GS Datasheet HTML 10Page - Monolithic Power Systems MP157GS Datasheet HTML 11Page - Monolithic Power Systems MP157GS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE
MP157 Rev. 1.04
www.MonolithicPower.com
8
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 230VAC, VOUT = 12V, IOUT = 350mA, L = 1.2mH, COUT = 100μF, TA = +25°C, unless otherwise
noted.
Input Power Start Up
Input Power Shut Down
SCP Entry
SCP Recovery
Open Loop Entry
Open Loop Recovery
Output Voltage Ripple
Load Transient
VRIPPLE
100mV/div.
VRIPPLE
50mV/div.
IOUT
200mA/div.
VDS
100V/div.
IL
200mA/div.
VDS
100V/div.
IL
200mA/div.
VDS
100V/div.
IL
200mA/div.
VDS
100V/div.
IL
200mA/div.
VDS
100V/div.
IL
200mA/div.
VDS
100V/div.
IL
200mA/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com