Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP157GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP157GS
Description  Smallest Energy Efficient Off-line Regulator with Extended Power Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP157GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP157GS Datasheet HTML 1Page - Monolithic Power Systems MP157GS Datasheet HTML 2Page - Monolithic Power Systems MP157GS Datasheet HTML 3Page - Monolithic Power Systems MP157GS Datasheet HTML 4Page - Monolithic Power Systems MP157GS Datasheet HTML 5Page - Monolithic Power Systems MP157GS Datasheet HTML 6Page - Monolithic Power Systems MP157GS Datasheet HTML 7Page - Monolithic Power Systems MP157GS Datasheet HTML 8Page - Monolithic Power Systems MP157GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP157
Smallest Energy Efficient Off-line
Regulator with Extended Power Range
MP157 Rev. 1.04
www.MonolithicPower.com
1
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP157 is a primary side regulator providing
accurate constant voltage (CV) regulation
without the Opto-coupler. It supports Buck,
Buck-Boost, Boost and Flyback topologies. A
500V MOSFET is integrated in the regulator, so
very simple structure and low cost can be
achieved. These features make MP157 an ideal
solution for off-line low power applications.
Typical applications include home appliance,
standby power and industrial control.
MP157 is a green mode operation regulator.
When the load decreases, the peak current and
the switching frequency decrease with the load.
As a result, it still offers excellent efficiency
performance at light load, thus better average
efficiency is achieved.
MP157
features
various
protections
like
Thermal Shutdown (TSD), VCC under Voltage
Lockout (UVLO), Over Load Protection (OLP),
Short Circuit Protection (SCP), Open Loop
Protection.
MP157 is available in the TSOT23-5 and
SOIC8 packages.
FEATURES
 Primary side constant voltage (CV) control,
supporting Buck, Buck-Boost, Boost and
Flyback topologies
 Integrated 500V/10Ω MOSFET
 < 100mW No-load power consumption
 Up to 6W output power
 Maximum discontinuous conduction mode
(DCM) output current less than 225mA,
maximum continuous conduction mode
(CCM) output current less than 360mA
 Low Vcc Operating Current
 Frequency Foldback
 Limited maximum frequency
 Peak Current Compression
 Internal High Voltage Current Source
 Internal 400ns Leading Edge Blanking
 Thermal Shutdown (auto restart)
 VCC Under Voltage Lockout with Hysteresis
(UVLO)
 Timer based Over Load Protection
 Short Circuit Protection
 Open Loop Protection
APPLICATIONS
 Home Appliances, White Goods and
Consumer Electronics
 Industrial Controls
 Standby Power
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP157GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1570 MPS-MP1570 Datasheet
265Kb / 5P
3A, 23V, 340KHz Synchronous Step-Down Converter
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP1570DN MPS-MP1570DN Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
More results

Similar Description - MP157GS

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
logo
Monolithic Power System...
MP155 MPS-MP155 Datasheet
637Kb / 20P
Energy Efficient Off-line Regulator
logo
Power Integrations, Inc...
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com