Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7705 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP7705
Description  12V, 2x5W/2x2.5W Class?밆 Stereo Single Ended Audio Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7705 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP7705 Datasheet HTML 1Page - Monolithic Power Systems MP7705 Datasheet HTML 2Page - Monolithic Power Systems MP7705 Datasheet HTML 3Page - Monolithic Power Systems MP7705 Datasheet HTML 4Page - Monolithic Power Systems MP7705 Datasheet HTML 5Page - Monolithic Power Systems MP7705 Datasheet HTML 6Page - Monolithic Power Systems MP7705 Datasheet HTML 7Page - Monolithic Power Systems MP7705 Datasheet HTML 8Page - Monolithic Power Systems MP7705 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP7705 – 12V, 2x5W/2x2.5W CLASS–D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7705 Rev. 1.1
www.MonolithicPower.com
2
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PACKAGE REFERENCE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Part Number*
Package
Temperature
MP7705DF
TSSOP20F
–40
°C to +85°C
* For Tape & Reel, add suffix –Z
For Lead Free, add suffix –LF
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VDD...................................... 16V
BS Voltage.................. VSW – 0.3V to VSW + 6.5V
Enable Voltage VEN........................ –0.3V to +6V
VSW, VPIN, VNIN ........................... –1V to VDD + 1V
AGND to PGND.......................... –0.3V to +0.3V
Junction Temperature............................... 150°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VDD.......................... 9.5V to 12V
Operating Temperature TA.........–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSSOP20F ............................. 40 ....... 6....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VDD = 12V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Supply Current
Standby Current
VEN = 0V
2
10
µA
Quiescent Current
3
6
mA
Output Drivers
SW On Resistance
Sourcing and Sinking
0.25
Ω
Short Circuit Current
Sourcing and Sinking
4.0
A
Inputs
REF1/2, IN1/2 Input Common
Mode Voltage Range
0
VDD
2
VDD – 1.5
V
REF1/2, IN1/2 Input Current
VPIN = VNIN = 6V
1
5
µA
VEN Rising
1.4
2.0
V
EN Enable Threshold Voltage
VEN Falling
0.4
1.2
V
EN Enable Input Current
VEN = 5V
1
µA
Thermal Shutdown
Thermal Shutdown Trip Point
TJ Rising
150
°C
Thermal Shutdown Hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com