Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7705 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP7705
Description  12V, 2x5W/2x2.5W Class?밆 Stereo Single Ended Audio Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7705 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP7705 Datasheet HTML 2Page - Monolithic Power Systems MP7705 Datasheet HTML 3Page - Monolithic Power Systems MP7705 Datasheet HTML 4Page - Monolithic Power Systems MP7705 Datasheet HTML 5Page - Monolithic Power Systems MP7705 Datasheet HTML 6Page - Monolithic Power Systems MP7705 Datasheet HTML 7Page - Monolithic Power Systems MP7705 Datasheet HTML 8Page - Monolithic Power Systems MP7705 Datasheet HTML 9Page - Monolithic Power Systems MP7705 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MP7705 – 12V, 2x5W/2x2.5W CLASS–D STEREO SINGLE ENDED AUDIO AMPLIFIER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP7705 Rev. 1.1
www.MonolithicPower.com
10
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSSOP20F
(EXPOSED PAD)
0.19
0.30
6.40
6.60
SEATING PLANE
0.65 BSC
PIN 1 ID
4.30
4.50
6.20
6.60
110
11
20
0.80
1.05
1.20 MAX
0.00
0.15
0.09
0.20
2.60
3.10
3.80
4.30
5.80
TYP
1.60
TYP
0.40
TYP
0.65
BSC
3.20
TYP
4.40
TYP
0.45
0.75
0o-8o
0.25 BSC
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com