Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7705 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7705
Description  12V, 2x5W/2x2.5W Class?밆 Stereo Single Ended Audio Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7705 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7705 Datasheet HTML 1Page - Monolithic Power Systems MP7705 Datasheet HTML 2Page - Monolithic Power Systems MP7705 Datasheet HTML 3Page - Monolithic Power Systems MP7705 Datasheet HTML 4Page - Monolithic Power Systems MP7705 Datasheet HTML 5Page - Monolithic Power Systems MP7705 Datasheet HTML 6Page - Monolithic Power Systems MP7705 Datasheet HTML 7Page - Monolithic Power Systems MP7705 Datasheet HTML 8Page - Monolithic Power Systems MP7705 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP7705
12V, 2x5W/2x2.5W Class–D Stereo
Single Ended Audio Amplifier
MP7705 Rev. 1.1
www.MonolithicPower.com
1
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7705 is a stereo 2x5W/2x2.5W Class–D
Audio Amplifier. It is one of MPS’ second
generation fully integrated audio amplifiers
which dramatically reduces solution size by
integrating the following:
250mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection
Mute / Standby
The MP7705 utilizes a single ended output
structure capable of delivering 2x5W into 4Ω or
2x2.5W into 8Ω speakers. MPS Class–D Audio
Amplifiers exhibit the high fidelity of a Class A/B
amplifier at efficiencies greater than 90%. The
circuit is based on the MPS’ proprietary variable
frequency topology that delivers low distortion,
fast response time and operates on a single
power supply.
FEATURES
• 2x2.5W Output at VDD = 12V (8Ω load)
• 2x5W Output at VDD = 12V (4Ω load)
• THD+N = 0.06% at 1W, 8Ω
• 95% Efficiency at 2.5W
• Low Noise (190μV Typical)
• Switching Frequency Up to 1MHz
• 9.5V to 12V Single-Supply Operation
• Integrated Startup and Shutdown Pop
Elimination Circuit
• Thermal and Short Circuit Protection
• Integrated 250mΩ Switches
• Mute/Standby Modes (Sleep)
• Thermally
Enhanced
20-Pin
TSSOP
Package with Exposed Pad
APPLICATIONS
• Surround Sound DVD Systems
• Televisions
• Flat Panel Monitors
• Multimedia Computers
• Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
MP7705
BS1
SW1
BS2
SW2
REF1
2
VDD
3
8
CH1
INPUT
7
6
10
4
9
CH1
OUTPUT
CH2
OUTPUT
14
18
20
13
15
12
19
17
IN1
REF2
IN2
EN2
EN1
AGND2
AGND1
PGND2
VDD2
VDD
CH2
INPUT
EN
PGND1
VDD1


Similar Part No. - MP7705

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP770208 MULTICOMP-MP770208 Datasheet
180Kb / 1P
Probe
13/05/22 V1.0
More results

Similar Description - MP7705

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV0066 MPS-EV0066 Datasheet
281Kb / 6P
Mini 20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7721DF-00A MPS-EV7721DF-00A Datasheet
228Kb / 6P
10W Stereo Class D Single Ended Audio Amplifier EV Board
EV7740DN-01B MPS-EV7740DN-01B Datasheet
279Kb / 5P
15W Stereo Class D Single Ended Audio Amplifier
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier EV Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com