Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7705 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7705
Description  12V, 2x5W/2x2.5W Class?밆 Stereo Single Ended Audio Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7705 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7705 Datasheet HTML 1Page - Monolithic Power Systems MP7705 Datasheet HTML 2Page - Monolithic Power Systems MP7705 Datasheet HTML 3Page - Monolithic Power Systems MP7705 Datasheet HTML 4Page - Monolithic Power Systems MP7705 Datasheet HTML 5Page - Monolithic Power Systems MP7705 Datasheet HTML 6Page - Monolithic Power Systems MP7705 Datasheet HTML 7Page - Monolithic Power Systems MP7705 Datasheet HTML 8Page - Monolithic Power Systems MP7705 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP7705 – 12V, 2x5W/2x2.5W CLASS–D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7705 Rev. 1.1
www.MonolithicPower.com
5
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
OPERATION
The MP7705 uses Monolithic Power Systems’
patented Analog Adaptive ModulationTM to
convert the audio input signal into pulses of
power that, when filtered through an external
inductor-capacitor filter, reproduce the amplified
signal across the load. Because of the
switching
Class–D
output
stage,
power
dissipation in the amplifier is drastically reduced
when compared to Class A or A/B amplifiers
while providing high fidelity and low distortion.
The voltage gain is set by the combination of
the input resistor RIN and the feedback resistor
RFB and is calculated by the equation:
IN
FB
V
R
R
A
−
=
Where for Channel 1: RFB=RFB1 and RIN=RIN1
and for Channel 2: RFB=RFB2 and RIN=RIN2.
The
MP7705
includes
four
high-power
MOSFETS wherein for each channel the output
driver stage uses two 250mΩ N-Channel
MOSFETs to deliver the pulses to the LC output
filter that in turn drives the load. To fully
enhance the high-side MOSFET, the gate is
driven to a voltage higher than VDD by the
bootstrap capacitor between SW and BS. While
the output is driven low, the bootstrap capacitor
is charged from VDD. The gate of the high-side
MOSFET is driven high from the voltage at BS,
forcing the MOSFET gate to a voltage higher
than VDD and allowing the MOSFET to fully turn
on, reducing power loss in the amplifier.
Pop Elimination
The capacitors COUT1 and COUT2 block the DC
signal and pass only the AC signals to the load.
To insure that the amplifier passes low
frequency signals, the capacitor values need to
be chosen such that the time constant of COUT x
RLOAD is long. During startup, these capacitors
need to be charged up to the DC operating
point, which is typically at ½ of VDD. The
MP7705 includes special integrated circuitry
that carefully controls the pre-charging of these
capacitors, eliminating the turn-on and turn-off
pop normally associated with the charging of
the AC coupling capacitors.
Short Circuit/Overload Protection
The MP7705 has internal overload and short
circuit protection. The currents in both the
high-side
and
low-side
MOSFETs
are
measured and if the current exceeds the 4.0A
short circuit current limit, both MOSFETs are
turned off. The MP7705 then restarts with the
same power up sequence that is used for
normal starting to prevent a pop from occurring
after a short circuit condition is removed.
Mute/Enable Function
The MP7705 EN inputs are active high enable
controls. To enable the MP7705, drive EN with
a 2.0V or higher voltage. To disable the
amplifier, drive EN below 0.4V. While the
MP7705 is disabled, the VDD operating current
is less than 10μA and the output driver
MOSFETs are turned off. The MP7705 requires
approximately 500ms from the time that EN is
asserted (driven high) to when the amplifier
begins normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com