Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP7752
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP7752 Datasheet HTML 12Page - Monolithic Power Systems MP7752 Datasheet HTML 13Page - Monolithic Power Systems MP7752 Datasheet HTML 14Page - Monolithic Power Systems MP7752 Datasheet HTML 15Page - Monolithic Power Systems MP7752 Datasheet HTML 16Page - Monolithic Power Systems MP7752 Datasheet HTML 17Page - Monolithic Power Systems MP7752 Datasheet HTML 18Page - Monolithic Power Systems MP7752 Datasheet HTML 19Page - Monolithic Power Systems MP7752 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER
MP7752 Rev. 1.01
www.MonolithicPower.com
16
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 2: Gain Setting
GAIN0 GAIN1
Typ. GAIN
(dB)
Typ. Input Impedance
(kΩ)
0
0
20
75
1
0
26
50
0
1
32
30
1
1
36
20
Over-Temperature Shutdown
Thermal monitoring is also integrated into the
MP7752. If the die temperature rises above
150°C, all switches turn off. The temperature
must fall below 130°C before normal operation
resumes, with the same power-up sequence
used to prevent popping noise.
Short Circuit Performance
The MP7752 has internal overload and short
circuit protection. The currents in both the high-
side and low-side MOSFETs are measured.
Upon detection of short circuit, all MOSFETs of
the over current full bridge channel will go into
high impedance for a fixed duration before
resuming normal operation. After the fixed
duration and the short circuit condition is
removed, the MP7752 will restart with the start
up sequence that is used for normal starting to
prevent a pop from occurring.
Fault Output
The MP7752 includes an open drain, active low
fault indicator output on the /FAULT pin. A fault
triggers if either the current limit or thermal
shutdown is tripped.
A fault on any channel will cause the FAULTB pin
to pull low. A fault on either channel will cause
the all outputs to go into high impedance. When
the fault goes away, the MP7752 will resume
normal operation.
Figure 3: Fault Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com