Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP7752
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP7752 Datasheet HTML 12Page - Monolithic Power Systems MP7752 Datasheet HTML 13Page - Monolithic Power Systems MP7752 Datasheet HTML 14Page - Monolithic Power Systems MP7752 Datasheet HTML 15Page - Monolithic Power Systems MP7752 Datasheet HTML 16Page - Monolithic Power Systems MP7752 Datasheet HTML 17Page - Monolithic Power Systems MP7752 Datasheet HTML 18Page - Monolithic Power Systems MP7752 Datasheet HTML 19Page - Monolithic Power Systems MP7752 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER
MP7752 Rev. 1.01
www.MonolithicPower.com
17
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Delay time for input signal absence report
The Recovery time is defined as follows.
 

8
delay
R
T1.6 10
C sec
Choosing the Output EMI Filter
The magnetic bead-capacitor filter converts the
pulses at SW to the output voltage that drives
the speaker. Both PVCC line and output current
flow needed magnetic beads to prevent large
radiation from high slew-rate pulse. The larger
impedance of the magnetic bead, the better
EMI performance can be approach.
Input Coupling Capacitor
The input coupling capacitor transmits the AC
signal from the source to the MP7752 while
blocking the DC voltage. Choose an input
coupling capacitor such that the corner
frequency (fIN) is less than the passband
frequency. The corner frequency is calculated
as:
IN
IN
IN
C
R
2
1
f
The impedance of the input resister is different
with the different gain setting. At the same gain
setting, the input impedance from part-to-part
may shift by ±20% due to shifts in the actual
resistance of the input resistors. But please
note that the gain variation from part-to-part is
small.
For design purposes, the input network should
be designed assuming an input impedance of
16 kΩ, which is the absolute minimum input
impedance of the MP7752. At the lower gain
settings, the input impedance could increase as
high as 90 kΩ.
Power Source
For maximum output power, the amplifier circuit
requires a regulated external power source. A
high power-supply voltage can deliver more
power to a given load resistance, but a power-
source voltage exceeding the maximum voltage
of 18V can damage the MP7752. The
MP7752’s power supply rejection is excellent,
though power-supply noise can pass to the
output, so care must be taken to minimize
power supply noise within the pass-band
frequencies. Bypass the power supply with a
large capacitor (typically aluminum electrolytic)
along with two smaller 1μF and 1nF ceramic
capacitors at the MP7752 VCC supply pins.
PCB Layout
Circuit layout is critical for optimal performance,
low output distortion, and noise. Duplicate the
EVB layout for best results. For layout changes,
follow these guidelines.
1) Place the following components as close to
the MP7752 as possible:
Bootstrap Capacitors
CBS supply the gate drive current to the internal
HS-FET. Place CBS as close to BST pin and SW
pin as possible.
Power Supply Bypass Capacitors
CBYP carry the transient current for the switching
power stage. To avoid overstressing the
MP7752 and excessive output noise, place
CBYP as close to the PVCC pins as possible.
2) The magnetic bead-Capacitor filter converts
the pulse train at SW to the output voltage that
drives the speaker. Please keep the filter
capacitor close to the magnetic bead.
3) Make sure that any traces carrying the switch
node (SW) voltages are routed far from any
input signal traces. If the trace must run near
the SW trace near the input, shield the input
with a ground plane between the traces.
Physically separate each channel to prevent
crosstalk.
Route each power supply from the source to
each channel individually, not serially. This
prevents channel-to-channel coupling through
the power supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com