Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP7752
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP7752 Datasheet HTML 8Page - Monolithic Power Systems MP7752 Datasheet HTML 9Page - Monolithic Power Systems MP7752 Datasheet HTML 10Page - Monolithic Power Systems MP7752 Datasheet HTML 11Page - Monolithic Power Systems MP7752 Datasheet HTML 12Page - Monolithic Power Systems MP7752 Datasheet HTML 13Page - Monolithic Power Systems MP7752 Datasheet HTML 14Page - Monolithic Power Systems MP7752 Datasheet HTML 15Page - Monolithic Power Systems MP7752 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER
MP7752 Rev. 1.01
www.MonolithicPower.com
12
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable input. Drive EN high to turn on the Amplifier 1A/1B/2A/2B, low to turn them off.
2
/FAULT
Fault Output. A low output at FAULT indicates that the IC has detected an over
temperature or over current condition. This output is open drain.
3
IN1A
Positive audio input for channel 1. Biased at 2.5V.
4
IN1B
Negative audio input for channel 1. Biased at 2.5V.
5
GAIN0
Gain selection bit.
6
GAIN1
Gain selection bit.
7
AVCC
Internal analog reference, 5.5V, need connect a bypass capacitor from AVCC to AGND.
8
AGND
Analog ground.
9
VDR
Gate Drive Supply Bypass. VDR powers the internal circuitry, internal MOSFET gate
drive. Bypass VDR to AGND with a 0.1μF to 10μF capacitor.
10
PLIMIT
Power limit and anti-clipping feature control.
Connect a resistor divider from AVCC to GND to set power limit. Connect directly to
AVCC for no power limit.
11
IN2B
Negative audio input for channel 2. Biased at 2.5V.
12
IN2A
Positive audio input for channel 2. Biased at 2.5V.
13
InAbsence Open drain output used to report the input signal absence.
14
Cap_D
Delay Time control for input signal absence report function. This holding time can be
adjusted with external capacitor. Connect this pin to AGND to disable automatic shutdown
with zero signal input function.
15, 16
PVCC2
Power supply input for channel 2. Bypass PVCC2 to PGND2 with a 1μF X7R capacitor (in
addition to the main bulk capacitor), placed close to the PVCC2 and PGND2 pins.
17
BST2A
High-side MOSFET bootstrap input for Amplifier 2A. A capacitor from BST2A to SW2A
supplies the gate drive current to the internal high-side MOSFET.
18
SW2A
Switched power output for Amplifier 2A (the positive output of channel 2).
19
PGND2
Power ground for Amplifier 2A/2B.
20
SW2B
Switched power output for Amplifier 2B (the negative output of channel 2).
21
BST2B
High-side MOSFET bootstrap input for Amplifier 2B. A capacitor from BST2B to SW2B
supplies the gate drive current to the internal high-side MOSFET.
22
BST1B
High-side MOSFET bootstrap input for Amplifier 1B. A capacitor from BST1B to SW1B
supplies the gate drive current to the internal high-side MOSFET.
23
SW1B
Switched power output for Amplifier 1B (the negative output of channel 1).
24
PGND1
Power ground for Amplifier 1A/1B.
25
SW1A
Switched power output for Amplifier 1A (the positive output of channel 1).
26
BST1A
High-side MOSFET bootstrap input for Amplifier 1A. A capacitor from BST1A to SW1A
supplies the gate drive current to the internal high-side MOSFET.
27, 28
PVCC1
Power supply input for channel 1. Bypass PVCC1 to PGND1 with a 1μF X7R capacitor (in
addition to the main bulk capacitor), placed close to the PVCC1 and PGND1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com