Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP7752
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP7752 Datasheet HTML 7Page - Monolithic Power Systems MP7752 Datasheet HTML 8Page - Monolithic Power Systems MP7752 Datasheet HTML 9Page - Monolithic Power Systems MP7752 Datasheet HTML 10Page - Monolithic Power Systems MP7752 Datasheet HTML 11Page - Monolithic Power Systems MP7752 Datasheet HTML 12Page - Monolithic Power Systems MP7752 Datasheet HTML 13Page - Monolithic Power Systems MP7752 Datasheet HTML 14Page - Monolithic Power Systems MP7752 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER
MP7752 Rev. 1.01
www.MonolithicPower.com
11
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VCC = 12V, GAIN = 20dB, f = 1kHz, TA = 25°C, unless otherwise noted.
0.001
20
0.01
0.1
1
5
20
20k
100
500 1k 2k 5k10k
POUT = 5W
POUT = 2.5W
POUT = 1W
Frequency (Hz)
T
T
T
T
-10
+4
-8
-6
-4
-2
+0
+2
0.001
0.01
20
0.1
1
5
60m 200m
30
12
5 10 20
POUT (W)
Frequency (Hz)
Frequency (Hz)
20
60k
100
1k 2k
10k
20
20k
100
1k 2k
10k
-120
+0
-100
-80
-60
-40
-20
2k
20k
4k 6k 8k 10k12k14k16k18k
Frequency (Hz)
-120
+0
-100
-80
-60
-40
-20
10kHz
20Hz
1kHz
Left to Right
Right to Left
0
3
6
9
12
15
0
10
20
30
40
50
60
70
80
90
100
POUT (W)
0
2
4
6
8
10
12
14
16
18
579
11
13
15
VDD (V)
THD=1%
THD=10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com