Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8060 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8060
Description  16V, 3.5A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8060 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8060 Datasheet HTML 1Page - Monolithic Power Systems MP8060 Datasheet HTML 2Page - Monolithic Power Systems MP8060 Datasheet HTML 3Page - Monolithic Power Systems MP8060 Datasheet HTML 4Page - Monolithic Power Systems MP8060 Datasheet HTML 5Page - Monolithic Power Systems MP8060 Datasheet HTML 6Page - Monolithic Power Systems MP8060 Datasheet HTML 7Page - Monolithic Power Systems MP8060 Datasheet HTML 8Page - Monolithic Power Systems MP8060 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
16V, 3.5A QUAD CHANNEL POWER HALF-BRIDGE
M8060 Rev. 0.9
www.MonolithicPower.com
2
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
*For Tape & Reel, add suffix –Z (e.g. MP8060EU–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP8060EU–LF–Z).
PACKAGE REFERENCE
SW1B
SW1B
VSP1
VSP1
SW1A
SW1A
PGND1A
BST1A
1
2
3
4
5
6
7
8
SW2A
VSP2
SW2B
PGND2B
BST2B
24
23
22
21
20
19
18
17
SW2B
VSP2
SW2A
ABSOLUTE MAXIMUM RATINGS (1)
VSP Supply Voltage ................................. 18.5V
SW1/2 Pin Voltage............... -0.3V to VSP + 0.3V
SW1/2 to BST1/2 ............................-0.3V to +6V
Voltage at All Other Pins.................-0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
............................................................. 3.5W
Storage Temperature............... -55
°C to +150°C
Junction Temperature................................150°C
Lead Temperature ....................................260°C
Recommended Operating Conditions
(3)
VSP Supply Voltage ........................4.5V to 16V
Peak Output Current...................3.5A Maximum
Operating Junct. Temp (TJ)...... -20°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN32 (5x5) ...........................36 ....... 8 ....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP8060EU
QFN 5x5 – 32L
MP8060EU
-20
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com