Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8060 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8060
Description  16V, 3.5A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8060 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8060 Datasheet HTML 2Page - Monolithic Power Systems MP8060 Datasheet HTML 3Page - Monolithic Power Systems MP8060 Datasheet HTML 4Page - Monolithic Power Systems MP8060 Datasheet HTML 5Page - Monolithic Power Systems MP8060 Datasheet HTML 6Page - Monolithic Power Systems MP8060 Datasheet HTML 7Page - Monolithic Power Systems MP8060 Datasheet HTML 8Page - Monolithic Power Systems MP8060 Datasheet HTML 9Page - Monolithic Power Systems MP8060 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
16V, 3.5A QUAD CHANNEL POWER HALF-BRIDGE
M8060 Rev. 0.9
www.MonolithicPower.com
6
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VSP = 16V, VSHDNB = 5V, RLOAD = 8Ω, TA = +25ºC, unless otherwise noted.
VSW1A
10V/div.
VSW1B
10V/div.
Normal Switch Waveform
VSW1A
10V/div.
VSW1A
5V/div.
VSW1A
5V/div.
VSW1A
10V/div.
VPWM1A
2V/div.
VPWM1A
2V/div.
Input/Output Waveform
Positive Pulse
Input/Output Waveform
Negative Pulse
Output Rise-Time
Output Fall-Time
Standby
VSTBYB
5V/div.
VSW1A
10V/div.
VPWM1A
5V/div.
IOUT1
100mA/div.
VSTBYB
5V/div.
VSW1A
10V/div.
VPWM1A
5V/div.
IOUT1
100mA/div.
Startup
20
POUT(W)
0.1
0.05
0.02
0.01
0.2
0.5
1
2
5
10
FREQUENCY(Hz)
+4
+2
-2
-4
-6
-8
-10
0
10
50
200
1k
5k
20k
60m
30
500m 1 2
5 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com