Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8060 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8060
Description  16V, 3.5A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8060 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8060 Datasheet HTML 1Page - Monolithic Power Systems MP8060 Datasheet HTML 2Page - Monolithic Power Systems MP8060 Datasheet HTML 3Page - Monolithic Power Systems MP8060 Datasheet HTML 4Page - Monolithic Power Systems MP8060 Datasheet HTML 5Page - Monolithic Power Systems MP8060 Datasheet HTML 6Page - Monolithic Power Systems MP8060 Datasheet HTML 7Page - Monolithic Power Systems MP8060 Datasheet HTML 8Page - Monolithic Power Systems MP8060 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
16V, 3.5A QUAD CHANNEL POWER HALF-BRIDGE
M8060 Rev. 0.9
www.MonolithicPower.com
4
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1,2
SW1B
Switched Output 1B. Connect the output LC filter to SW1B. SW1B is valid approximately
100µs after VSP goes high.
3, 4
VSP1
Power Supply Input. Connect VSP1 to the positive side of the input power supply. Bypass
VSP1 to PGND as close to the IC as possible.
5,6
SW1A
Switched Output 1A. Connect the output LC filter to SW1A. SW1A is valid approximately
100µs after VSP goes high.
7
PGND1A
Power Ground of Channel 1A. Connect the exposed pad on bottom side to the ground
plane.
8
BST1A
Bootstrap Supply. BST1A powers the high-side gate of the SW1A stage. Connect a 0.1μF
or greater capacitor between BST1A and SW1A.
9
PWM1A
Driver Logic Input 1A. Drive PWM1A with the signal that controls the MP8060 SW1A.
Drive PWM1A high to turn on the high side switch; drive PWM1A low to turn on the
low-side switch.
10
PWM1B
Driver Logic Input 1B. Drive PWM1B with the signal that controls the MP8060 SW1B.
Drive PWM1B high to turn on the high side switch; drive PWM1B low to turn on the
low-side switch.
11
FAULTB
Fault Output. A low output at FAULTB indicates that the MP8060 has detected an over
temperature or over current condition. This output is open drain.
12
SHDNB Shutdown Input. When low, the IC will be shut off.
13,29
AGND
Analog Ground.
14
PWM2A
Driver Logic Input 2A. Drive PWM2A with the signal that controls the MP8060 SW2A.
Drive PWM2A high to turn on the high side switch; drive PWM2A low to turn on the
low-side switch
15
STBYB
Standby Input. Default low (internal pull-down). If driven high, the output of the drivers is
determined by the PWM1A/1B/2A/2B. If driven low, the output of both drivers is high
impedance.
16
PWM2B
Driver Logic Input 2B. Drive PWM2B with the signal that controls the MP8060 SW2B.
Drive PWM2B high to turn on the high side switch; drive PWM2B low to turn on the
low-side switch
17
BST2B
Bootstrap Supply. BST2B powers the high-side gate of the SW2B stage. Connect a 0.1μF
or greater capacitor between BST2B and SW2B.
18
PGND2B
Power Ground of Channel 2B. Connect the exposed pad on the bottom side to the ground
plane.
19,20
SW2B
Switched Output 2B. Connect the output LC filter to SW2B. SW2B is valid approximately
100µs after VSP goes high.
21, 22
VSP2
Power Supply Input. Connect VSP2 to the positive side of the input power supply. Bypass
VSP2 to PGND as close to the IC as possible.
23, 24
SW2A
Switched Output 2A. Connect the output LC filter to SW1A. SW1A is valid approximately
100µs after VSP goes high.
25
NC
No connect.
26
PGND2A
Power Ground of Channel 2A. Connect the exposed pad on the bottom side to the ground
plane.
27
BST2A
Bootstrap Supply. BST2A powers the high-side gate of the SW2A stage. Connect a 0.1μF
or greater capacitor between BST2A and SW2A.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com