Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8060 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8060
Description  16V, 3.5A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8060 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8060 Datasheet HTML 2Page - Monolithic Power Systems MP8060 Datasheet HTML 3Page - Monolithic Power Systems MP8060 Datasheet HTML 4Page - Monolithic Power Systems MP8060 Datasheet HTML 5Page - Monolithic Power Systems MP8060 Datasheet HTML 6Page - Monolithic Power Systems MP8060 Datasheet HTML 7Page - Monolithic Power Systems MP8060 Datasheet HTML 8Page - Monolithic Power Systems MP8060 Datasheet HTML 9Page - Monolithic Power Systems MP8060 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
16V, 3.5A QUAD CHANNEL POWER HALF-BRIDGE
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP8060 Rev. 0.9
www.MonolithicPower.com
10
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN32 (5mm x 5mm)
SIDE VIEW
TOP VIEW
1
32
25
24
17
16
9
8
BOTTOM VIEW
4.90
5.10
3.50
3.80
4.90
5.10
3.50
3.80
0.50
BSC
0.18
0.30
0.80
1.00
0.00
0.05
0.20
REF
PIN 1 ID
MARKING
3.70
0.25
RECOMMENDED LAND PATTERN
4.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFIRMS TO JEDEC MO-220, VARIATION VHHC-2.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.30x45º TYP.
PIN 1 ID OPTION B
R0.25 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
0.70
0.35
0.45
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com