Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8607
Description  42V, 0.75A Micropower Synchronous Step-Down Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8607 Datasheet(HTML) 1 Page - Linear Technology

  LT8607 Datasheet HTML 1Page - Linear Technology LT8607 Datasheet HTML 2Page - Linear Technology LT8607 Datasheet HTML 3Page - Linear Technology LT8607 Datasheet HTML 4Page - Linear Technology LT8607 Datasheet HTML 5Page - Linear Technology LT8607 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2565af
DEMO MANUAL DC2565A
Description
LT8607
42V, 0.75A Micropower Synchronous
Step-Down Regulator
Demonstration Circuit 2565A is a 42V, 0.75A micropower
synchronous step-down regulator featuring the LT®8607.
The demo board is designed for 5V output from a 5.5V
to 42V input. The wide input range allows a variety of
input sources, such as automotive batteries and indus-
trial supplies. The LT8607 is a compact, high efficiency,
high speed synchronous monolithic step-down switch-
ing regulator that consumes less than 3μA of quiescent
current when output is regulated at 5V. Top and bottom
power switches, compensation components and other
necessary circuits are inside of the LT8607 to minimize
external components and simplify design.
The SYNC pin on the demo board is grounded by default
for low ripple Burst Mode® operation. Move JP1 to PULSE
SKIPPING position can change the operation mode to
pulse-skipping operation. Once JP1 is on SPREAD SPEC-
TRUM position, VCC is applied to the SYNC pin for low
EMI spread spectrum operation. To synchronous to an
external clock, move JP1 to SYNC and apply the external
clock to the SYNC turret. Figure 1 shows the efficiency
of the circuit.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Analog Devices, Inc. All other trademarks are the property of their respective owners.
performance summary
The demo board has an EMI filter installed. The radiated
EMI performances of the board (with EMI filter) are shown
in Figure 2 and Figure 3. The red lines in Figure 2 and
Figure 3 are CISPR25 Class 5 peak limit. To use the EMI
filter, the input should be tied to VEMI, not VIN. An induc-
tor L2, which is a 0Ω jumper on the board by default
now, can be added in the EMI filter to further reduce the
conducted emission.
The LT8607 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this demo manual
for DC2565A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2565A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
5.5
42
V
VOUT
Output Voltage
4.8
5
5.2
V
IOUT
Maximum Output Current
0.75
A
fSW
Switching Frequency
1.85
2
2.15
MHz
EFE
Efficiency at DC
VIN = 12V, IOUT = 0.75A
92.4
%


Similar Part No. - LT8607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
LT8607 AD-LT8607 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
LT8607 AD-LT8607 Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
LT8607-5MSE AD-LT8607-5MSE Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
LT8607B AD-LT8607B Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
More results

Similar Description - LT8607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
42V, 6A Micropower Synchronous Step-Down Regulator
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8606 LINER-LT8606 Datasheet
362Kb / 8P
42V, 0.35A Micropower Synchronous Step-Down Regulator
LT8609 LINER-LT8609 Datasheet
622Kb / 8P
42V, 2A Micropower Synchronous Step-Down Regulator
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com