Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8607
Description  42V, 0.75A Micropower Synchronous Step-Down Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8607 Datasheet(HTML) 2 Page - Linear Technology

  LT8607 Datasheet HTML 1Page - Linear Technology LT8607 Datasheet HTML 2Page - Linear Technology LT8607 Datasheet HTML 3Page - Linear Technology LT8607 Datasheet HTML 4Page - Linear Technology LT8607 Datasheet HTML 5Page - Linear Technology LT8607 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2565af
DEMO MANUAL DC2565A
Quick start proceDure
DC2565A is easy to set up to evaluate the performance
of the LT8607. Refer to Figure 4 for proper measurement
equipment setup and follow the procedure below:
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. See Figure 5 for the proper scope
technique.
1. Set an input power supply that is capable of 42V/0.75A.
Then turn off the supply.
2. With power off, connect the supply to the input termi-
nals VIN and GND.
3. Turn on the power at the input.
NOTE: Make sure that the input voltage never exceeds
42V.
4. Check for the proper output voltage of 5V. Turn off the
power at the input.
5. Once the proper output voltage is established, connect
a variable load capable of sinking 0.75A at 5V to the
output terminals VOUT and GND. Set the current for 0A.
a. If efficiency measurements are desired, an ammeter
can be put in series with the output load in order to
measure the DC2565A’s output current.
b. A voltmeter can be placed across the output ter-
minals in order to get an accurate output voltage
measurement.
6. Turn on the power at the input.
NOTE: If there is no output, temporarily disconnect the
load to make sure that the load is not set too high.
7. Once the proper output voltage is established again,
adjust the load and/or input within the operating range
and observe the output voltage regulation, ripple volt-
age, efficiency and other desired parameters.
8. An external clock can be added to the SYNC termi-
nal when SYNC function is used (JP1 on the SYNC
position). Please ensure that the chosen RT sets the
LT8607 switching frequency to equal or below the low-
est SYNC frequency. See the Synchronization section
in the data sheet.
Figure 1. Efficiency vs Load Current at 2MHz Switching Frequency
IOUT (A)
0
50
55
60
65
70
75
100
95
90
85
80
0.15
0.3
0.45
0.6
0.75
DC2565A F01
VIN = 12V
VIN = 24V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com