Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8607
Description  42V, 0.75A Micropower Synchronous Step-Down Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8607 Datasheet(HTML) 4 Page - Linear Technology

  LT8607 Datasheet HTML 1Page - Linear Technology LT8607 Datasheet HTML 2Page - Linear Technology LT8607 Datasheet HTML 3Page - Linear Technology LT8607 Datasheet HTML 4Page - Linear Technology LT8607 Datasheet HTML 5Page - Linear Technology LT8607 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc2565af
DEMO MANUAL DC2565A
parts List
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C2
CAP., X7R, 4.7µF, 50V, 10% 1206
MURATA, GRM31CR71H475K
2
1
C4
CAP., X7R, 0.22µF, 16V, 10%, 0603
MURATA, GRM188R71C224KA01D
3
1
C5
CAP., C0G, 10pF, 25V, 5%, 0603
AVX, 06033A100JAT2A
4
1
C6
CAP., X7R, 22µF, 10V, 10%, 1206
MURATA, GRM31CR71A226KE15L
5
1
C7
CAP., X7R, 1.0µF, 25V, 10%, 0603
MURATA, GRM188R71E105KA12D
6
1
C8
CAP., X7R, 0.01µF, 16V, 10%, 0603
MURATA, GRM188R71C103KA01D
7
1
L1
IND., 3.3µH
WURTH ELECTRONICS, 74438336033
8
1
R2
RES., CHIP, 18.2k, 1/10W, 1%, 0603
VISHAY, CRCW060318K2FKEA
9
1
R3
RES., CHIP, 49.9k, 1/10W, 1%, 0603
VISHAY, CRCW060349K9FKEA
10
2
R1, R4
RES., CHIP, 1M, 1/10W, 1%, 0603
VISHAY, CRCW06031M00FKEA
11
1
R5
RES., CHIP, 187k, 1/10W, 1%, 0603
VISHAY, CRCW0603187KFKEA
12
1
U1
IC, REGULATOR, MSE10
LINEAR TECH., LT8607EMSE#PBF
Additional Demo Board Circuit Components
1
1
C1
CAP., ALUM 22µF 63V
SUN ELECT, 63CE22BS
2
2
C3, C10
CAP., X7R, 4.7µF, 50V, 10% 1206
MURATA, GRM31CR71H475K
3
1
C9
CAP., X7R, 4.7µF, 16V, 10%, 0805
MURATA, GRM21BR71C475K73L
4
1
C11
CAP., X7R, 1µF, 50V, 10%, 0805
MURATA, GRM21BR71H105KA12L
5
2
C12, C13
CAP., X7R, 0.1µF, 50V, 10%, 0603
MURATA, GRM188R71H104KA93D
6
1
FB1
FERRITE BEAD 0805
TDK, MPZ2012S331AT000
7
1
L2
RES., CHIP, 0Ω, 3/4W, 2010
VISHAY, CRCW20100000Z0EF
8
0
R6 (OPT.)
RES., 0603
Hardware: For Demo Board Only
1
9
E1-E9
TESTPOINT, TURRET, 0.094"
MILL-MAX, 2501-2-00-80-00-00-07-0
2
1
E10 (OPT.)
TESTPOINT, TURRET, 0.094"
3
1
JP1
DOUBLE ROW HEADER 2 × 4 0.079"
WURTH ELECTRONICS, 62000821121
4
1
XJP1
SHUNT, 0.079" CENTER
WURTH ELECTRONICS, 60800213421
5
4
MH1-MH4
STAND-OFF, NYLON 0.50" TALL
WURTH ELECTRONICS, 702935000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com