Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8607
Description  42V, 0.75A Micropower Synchronous Step-Down Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8607 Datasheet(HTML) 3 Page - Linear Technology

  LT8607 Datasheet HTML 1Page - Linear Technology LT8607 Datasheet HTML 2Page - Linear Technology LT8607 Datasheet HTML 3Page - Linear Technology LT8607 Datasheet HTML 4Page - Linear Technology LT8607 Datasheet HTML 5Page - Linear Technology LT8607 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2565af
DEMO MANUAL DC2565A
Quick start proceDure
FREQUENCY (MHz)
0
–10
–5
10
15
0
5
20
25
50
VERTICAL POLARIZATION
PEAK DETECTOR
45
40
35
30
100
200
300
400
500
600
700
800
900
1000
DC2565A F02
CLASS 5 PEAK LIMIT
FIXED FREQUENCY
SPREAD SPECTRUM MODE
FREQUENCY (MHz)
0
–10
–5
10
15
0
5
20
25
50
45
40
35
30
100
200
300
400
500
600
700
800
900
1000
DC2565A F03
HORIZONTAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
FIXED FREQUENCY
SPREAD SPECTRUM MODE
Figure 2. LT8607 Demo Circuit EMI Performance in CISPR25
Radiated Emission Test, Antenna Polarization: Vertical
(VIN = 14V, VOUT = 5V, IOUT = 0.75A, 2MHz Switching Frequency)
Figure 3. LT8607 Demo Circuit EMI Performance in CISPR25
Radiated Emission Test, Antenna Polarization: Horizontal
(VIN = 14V, VOUT = 5V, IOUT = 0.75A, 2MHz Switching Frequency)
Figure 4. Proper Measurement Equipment Setup
Figure 5. Measuring Output Ripple
VOUT
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com