Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2411 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC2411
Description  BLUETOOTH BASEBAND
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2411 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC2411 Datasheet HTML 17Page - STMicroelectronics STLC2411 Datasheet HTML 18Page - STMicroelectronics STLC2411 Datasheet HTML 19Page - STMicroelectronics STLC2411 Datasheet HTML 20Page - STMicroelectronics STLC2411 Datasheet HTML 21Page - STMicroelectronics STLC2411 Datasheet HTML 22Page - STMicroelectronics STLC2411 Datasheet HTML 23Page - STMicroelectronics STLC2411 Datasheet HTML 24Page - STMicroelectronics STLC2411 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
STLC2411
Figure 11. PCM interface timing
9
HCI UART TRANSPORT LAYER
The UART Transport Layer is specified by the BluetoothSIG, and allows HCI level communication be-
tween a host controller (STLC2411) and a host (e.g. PC), via a serial line.
The objective of this HCI UART Transport Layer is to make it possible to use the BluetoothHCI over a
serial interface between two UARTs on the same PCB. The HCI UART Transport Layer assumes that the
UART communication is free from line errors.
9.1 UART Settings
The HCI UART Transport Layer uses the following settings for RS232:
– Baud rate:
Configurable (Default baud rate: 57.600 kbps)
– Number of data bits:
8
– Parity bit:
no parity
– Stop bit:
1 stop bit
– Flow control:
RTS/CTS
– Flow-off response time:
3 ms
Flow control with RTS/CTS is used to prevent temporary UART buffer overrun. It should not be used for
flow control of HCI, since HCI has its own flow control mechanisms for HCI commands, HCI events and
HCI data.
If CTS is 1, then the Host/Host Controller is allowed to send.
If CTS is 0, then the Host/Host Controller is not allowed to send.
The flow-off response time defines the maximum time from setting RTS low until the byte flow actually
stops. The signals should be connected in a null-modem fashion; i.e. the local TXD should be connected
to the remote RXD and the local RTS should be connected to the remote CTS and vice versa.
Figure 12. UART Transport Layer
D02TL557
PCM_CLK
tWCL
PCM_SYNC
PCM_A/B in
PCM_B/A out
MSB
MSB-1
MSB-2
MSB-3
MSB-4
MSB
MSB-1
MSB-2
MSB-3
MSB-4
tSSC
tWCH
tWSH
tHCD
tSDC
tDCD
BLUETHOOTH
HOST
BLUETHOOTH
HOST
CONTROLLER
HCI UART TRANSPORT LAYER
BLUETHOOTH HCI
D02TL556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com