Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2411 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC2411
Description  BLUETOOTH BASEBAND
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2411 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC2411 Datasheet HTML 1Page - STMicroelectronics STLC2411 Datasheet HTML 2Page - STMicroelectronics STLC2411 Datasheet HTML 3Page - STMicroelectronics STLC2411 Datasheet HTML 4Page - STMicroelectronics STLC2411 Datasheet HTML 5Page - STMicroelectronics STLC2411 Datasheet HTML 6Page - STMicroelectronics STLC2411 Datasheet HTML 7Page - STMicroelectronics STLC2411 Datasheet HTML 8Page - STMicroelectronics STLC2411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
STLC2411
5
PINOUT
Figure 3. Pin out (Bottom view)
5.1 Pin Description and Assignment
Table 9 shows the pin list of the STLC2411. There are 107 digital functional pins and 22 supply pins. The
column "PU/PD" shows the pads implementing an internal weak pull-up/down, to fix value if the pin is left
open. This cannot replace an external pull-up/down.
The pads are grouped according to three different power supply values, as shown in column "VDD":
– V1
for 3.3 V typical 1.65 - 3.6 V range
– V1_radio
for 3.3 V typical 2.7 - 3.6 V range (for STLC2150 BT radio)
– V2
for 1.8 V typical 1.55 - 1.95 V range
Note:
V1 and V1_radio can be connected together to the same 3.3 V typical supply for STLC2150 BT radio.
Finally the column "DIR" describes the pin directions:
– I for Inputs
– O for Outputs
– I/O for Input/Outputs
– O/t for tri-state outputs
D02TL551
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
9
8
7
6
5
4
3
2
1
gpio9 gpio11 gpio14 vddio_
radio
brxd bmosi bdclk bpaen brxen ant_sw
tdi
ntrst
test
xin
n.c. gpio10 gpio13 n.c.
brclk bnden btxd
vdd
btxen vddio
tdo
tck
nreset
gpio8 vddpll gpio12
vsspll gpio6 gpio7
gpio3 gpio4 gpio5
gpio0 gpio1 gpio2
boot
vddio vssio
pcm_
sync
i2c_clk int1
int2
pcm_
clk
lpo_
clk_p
lpo_
clk_n
data
14
uart2_
txd
uart2_
i1
uart2_
i2
uart2_
o1
uart2_
io2
uart2_
o2
uart2_
io1
data
15
wait
data
13
data
12
data
11
data
10
data
9
vss
vss
vss
vdd
vdd
vdd
vssio
spi_frm
vddio
usb_
dn
uart2_
rxd
usb_
dp
pcm_a pcm_b
gpio15 vssio bmiso bsen
vss
bpktctl vssio
tms
data8 data7 data6 data0 addr17 vss
addr13 addr10 addr5 addr2
vdd
csn1
uart1_
rxd
uart1_
txd
i2c_
dat
spi_
txd
spi_
clk
data5 data4 data2 addr19 addr16
vdd addr12 addr9 addr6 addr3
vss
csn2
wrn
spi_
rxd
data3
n.c.
data1 addr18 addr15 addr14 addr11 addr8 addr7 addr4 addr1 addr0 csn0
rdn
sys_
clk_req



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com