Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2411 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC2411
Description  BLUETOOTH BASEBAND
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2411 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC2411 Datasheet HTML 17Page - STMicroelectronics STLC2411 Datasheet HTML 18Page - STMicroelectronics STLC2411 Datasheet HTML 19Page - STMicroelectronics STLC2411 Datasheet HTML 20Page - STMicroelectronics STLC2411 Datasheet HTML 21Page - STMicroelectronics STLC2411 Datasheet HTML 22Page - STMicroelectronics STLC2411 Datasheet HTML 23Page - STMicroelectronics STLC2411 Datasheet HTML 24Page - STMicroelectronics STLC2411 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
STLC2411
22/25
10 HCI USB TRANSPORT LAYER
The USB Transport Layer has been specified by the Bluetooth™ SIG, and allows HCI level communication
between a host controller (STLC2411) and a host (e.g. PC), via a USB interface. The USB Transport Layer
is completely implemented in SW. It accepts HCI messages from the HCI Layer, prepares it for transmis-
sion over a USB bus, and sends it to the USB Driver. It reassembles the HCI messages from USB data
received from the USB Driver, and sends these messages to the HCI Layer. The Transport Layer does
not interprete the contents (payload) of the HCI messages; it only examines the header.
11 CLASS1 POWER SUPPORT
The chip can control an external power amplifier (PA). Several signals are duplicated on GPIOs for this
purpose in order to avoid digital/analogue noise loops in the radio.
A software controlled register enables the alternate functions of GPIO[15:6] to generate the signals for
driving an external PA in a Bluetooth™ class1 power application.
Every bit enables a dedicated signal on a GPIO pin, as described in Table 14.
12 GPIOS
Table 14. GPIOs alternate functionalities
The signal brxen is the same as the brxen radio output pin. The signal not_brxen is the inverted signal, in
order to save components on the application board.
PA7 to PA0 are the power amplifier control lines. They are managed, on a connection basis, by the base-
band core. The Power Level programmed for a certain Bluetooth™ connection is managed by the firm-
ware, as specified in the Bluetooth™ SIG spec.
The WLAN signals, as described in section 7.12, can be enabled on GPIO pins.
The extra PCM sync signals, as described in section 8.7, can be flexibly configured on GPIO pins to con-
nect multiple codecs.
Involved GPIO
Description of alternate dedicated functionality
gpio0
No dedicated function
gpio1
WLAN 1
gpio2
WLAN 2
gpio3
WLAN 3
gpio4
WLAN 4
gpio5
(Used for USB reset pull.)
gpio6
Power Class 1 brxen
gpio7
Power Class 1 not_brxen
gpio8
Power Class 1 PA0 or PCM sync 1
gpio9
Power Class 1 PA1 or PCM sync 2
gpio10]
Power Class 1 PA2 or PCM sync 3
gpio11
Power Class 1 PA3
gpio12
Power Class 1 PA4
gpio13
Power Class 1 PA5
gpio14
Power Class 1 PA6
gpio15
Power Class 1 PA7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com