Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2411 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC2411
Description  BLUETOOTH BASEBAND
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2411 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC2411 Datasheet HTML 17Page - STMicroelectronics STLC2411 Datasheet HTML 18Page - STMicroelectronics STLC2411 Datasheet HTML 19Page - STMicroelectronics STLC2411 Datasheet HTML 20Page - STMicroelectronics STLC2411 Datasheet HTML 21Page - STMicroelectronics STLC2411 Datasheet HTML 22Page - STMicroelectronics STLC2411 Datasheet HTML 23Page - STMicroelectronics STLC2411 Datasheet HTML 24Page - STMicroelectronics STLC2411 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
23/25
STLC2411
Figure 13. TFBGA132 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.010
1.200
0.040
0.047
A1
0.150
0.006
A2
0.820
0.032
b
0.250
0.300
0.350
0.010
0.012
0.014
D
7.850
8.000
8.150
0.310
0.315
0.321
D1
6.500
0.256
E
7.850
8.000
8.150
0.310
0.315
0.321
E1
6.500
0.256
e
0.450
0.500
0.550
0.018
0.020
0.022
f
0.600
0.750
0.900
0.024
0.029
0.035
ddd
0.080
0.003
TFBGA132
Fine Pitch Ball Grid Array
7146828 A
Body: 8 x 8 x 1.20mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com