Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5017GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5017GD
Description  3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5017GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5017GD Datasheet HTML 1Page - Monolithic Power Systems MP5017GD Datasheet HTML 2Page - Monolithic Power Systems MP5017GD Datasheet HTML 3Page - Monolithic Power Systems MP5017GD Datasheet HTML 4Page - Monolithic Power Systems MP5017GD Datasheet HTML 5Page - Monolithic Power Systems MP5017GD Datasheet HTML 6Page - Monolithic Power Systems MP5017GD Datasheet HTML 7Page - Monolithic Power Systems MP5017GD Datasheet HTML 8Page - Monolithic Power Systems MP5017GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP5017 – 3V-5.5V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5017 Rev.1.0
www.MonolithicPower.com
4
10/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, RLIMIT = 499Ω, COUT = 10µF, TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current
EN, no load
210
310
μA
EN = 0, SAS/OV = 0V
10
15
μA
Quiescent current
IQ
SAS/OV = 3V, EN = 5V
120
μA
Power FET
On resistance
RDSon
TJ = 25°C
45
mΩ
On resistance
(5)
RDSon
TJ = 80°C
54
mΩ
Turn-on delay
Tdelay
IOUT = 0A, CDV/DT = 1nF
160
μs
Off-state leakage current
IOFF
VIN = 14V, EN = 0V
1
μA
Under-/Over-Voltage Protection
Under-voltage lockout
threshold
VUVLO
UVLO rising threshold
2.45
2.7
2.95
V
UVLO hysteresis
VUVLOHYS
250
mV
Output over-voltage clamp
voltage
VOVLO
5.5
5.8
6.1
V
Output over-voltage response
time
(6)
tOUT_OV
COUT = 10µF,
add 10Ω load resistor,
VIN = 5V to 7V/20µs
10
20
μs
DV/DT
DV/DT current
IDV/DT
Short DV/DT to GND,
or add DV/DT cap
4.5
6.5
8.5
μA
Current Limit
RLIMIT = 499Ω,
VOUT drops 10%
2
2.4
2.8
A
Current limit at normal
operation
ILimit_NO
RLIMIT = 1.4kΩ,
VOUT drops 10%
0.9
A
Current limit response time
(6)
tCL
ILIMIT = 3A,
add 1Ω load resistor
10
μs
Secondary current limit
(6)
ILimitH
Any value of RLIMIT
7.5
A
Reverse Current Limit
Reverse current limit
IReverse
Any value of RLIMIT
-5
-50
-200
mA
Reverse current limit deglitch
time
(6)
tReverse
80
μs
Secondary reverse current
limit
(6)
IReverseH
Fast response
-1
A
Secondary reverse current
limit response time
(6)
tSC
VIN_DV/DT = -5V/100µs
8
µs
Enable
EN rising threshold
VEN_RISING
1.4
1.47
1.55
V
EN hysteresis
VEN_HYS
200
mV
EN pull-up current
IEH_PL
VENABLE = 0V
3.4
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com