Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5017GD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5017GD
Description  3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5017GD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5017GD Datasheet HTML 7Page - Monolithic Power Systems MP5017GD Datasheet HTML 8Page - Monolithic Power Systems MP5017GD Datasheet HTML 9Page - Monolithic Power Systems MP5017GD Datasheet HTML 10Page - Monolithic Power Systems MP5017GD Datasheet HTML 11Page - Monolithic Power Systems MP5017GD Datasheet HTML 12Page - Monolithic Power Systems MP5017GD Datasheet HTML 13Page - Monolithic Power Systems MP5017GD Datasheet HTML 14Page - Monolithic Power Systems MP5017GD Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP5017 – 3V-5.5V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5017 Rev.1.0
www.MonolithicPower.com
11
10/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Charge
Pump
LDO
Current
Sense
1V
Ref
VCC
ILIMIT
VOUT
FAULT
Control Logic
UVLO
OVP
1.23V
EN
4uA
8µA
80KΩ
VCC
GND
Fast Off Comp
Current Limit Amp
Soft Start
Thermal
Sense
Reverse
Comp
X10
VOUT
SAS/OV
VCC
FLT
DV/DT
5V
6.5µA
1M
Ω
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com