Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5017GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5017GD
Description  3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5017GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5017GD Datasheet HTML 1Page - Monolithic Power Systems MP5017GD Datasheet HTML 2Page - Monolithic Power Systems MP5017GD Datasheet HTML 3Page - Monolithic Power Systems MP5017GD Datasheet HTML 4Page - Monolithic Power Systems MP5017GD Datasheet HTML 5Page - Monolithic Power Systems MP5017GD Datasheet HTML 6Page - Monolithic Power Systems MP5017GD Datasheet HTML 7Page - Monolithic Power Systems MP5017GD Datasheet HTML 8Page - Monolithic Power Systems MP5017GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP5017 – 3V-5.5V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5017 Rev.1.0
www.MonolithicPower.com
5
10/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, RLIMIT = 499Ω, COUT = 10µF, TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
SAS/OV
Rising threshold
VSAS/OV_RISING
Output disabled
1.2
1.25
1.3
V
Hysteresis
VSAS/OV _HYS
40
mV
Input over-voltage deglitch
time
tIN_SAS/OV
5
µs
Fault
Fault output logic low voltage
VFAULT_L
Sink 1mA
200
mV
Fault output high leakage
current
IFAULT_OFF
V_Fault = 5.5V
1
µA
TFAULT_DEG_OC
Delay time for assertion
or deassertion due to
OCP fault condition
5
ms
Fault deglitch time
TFAULT_DEG_OV_OUTPUT
(5)
Delay time for assertion
or deassertion due to
output
OVP
fault
condition
10
µs
Output Discharge
Discharge resistance
RDIS
VCC = 5V
130
Ω
OTP
Thermal shutdown
(5)
TSD
175
°C
Thermal hysteresis
(5)
TSD-HYS
50
°C
NOTES:
5)
Guaranteed by characterization test.
6)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com