Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5017GD Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5017GD
Description  3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5017GD Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5017GD Datasheet HTML 6Page - Monolithic Power Systems MP5017GD Datasheet HTML 7Page - Monolithic Power Systems MP5017GD Datasheet HTML 8Page - Monolithic Power Systems MP5017GD Datasheet HTML 9Page - Monolithic Power Systems MP5017GD Datasheet HTML 10Page - Monolithic Power Systems MP5017GD Datasheet HTML 11Page - Monolithic Power Systems MP5017GD Datasheet HTML 12Page - Monolithic Power Systems MP5017GD Datasheet HTML 13Page - Monolithic Power Systems MP5017GD Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP5017 – 3V-5.5V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5017 Rev.1.0
www.MonolithicPower.com
10
10/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2, 3
VCC
Supply voltage. The MP5017 operates on a 3V to 5.5V continuous input voltage
range with up to 16V of maximum transient input voltage. Decouple the input rail
with a 4.7μF ceramic capacitor. Connect using a wide PCB trace.
4
SAS/OV
SAS disable. Pull SAS/OV low to enable the part; pull SAS/OV high to disable the
part. SAS/OV has an internal 1MΩ pull-down resistor to ground, so it can start up
automatically when SAS/OV is floating. Connect SAS/OV to the tap of an external
resistor divider from input to GND to set the input over voltage.
5
EN
Enable. EN is a digital input that turns the regulator on or off. Float EN or drive EN
high to turn on the regulator; drive EN low to turn off the regulator.
6
Fault
Open drain output. If OCP, OTP, or output OVP occurs, Fault is pulled low.
7
DV/DT
Slew rate. The internal DV/DT circuit controls the slew rate of the output voltage at
turn on. An external capacitor from DV/DT to ground is needed to set the soft-start
time.
8
ILIMIT
Current limit set. Place a resistor between ILIMIT and ground to set the value of
the current limit.
9, 10, 11
VOUT
Output voltage. VOUT is controlled by the IC.
12,
Exposed
Pad
GND
System ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com