Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology LT8613 Datasheet HTML 12Page - Linear Technology LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
13
8613f
applicaTions inForMaTion
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
R1
= R2
VOUT
0.970V
– 1
(1)
Reference designators refer to the Block Diagram. 1%
resistors are recommended to maintain output voltage
accuracy.
Iflowinputquiescentcurrentandgoodlight-loadefficiency
are desired, use large resistor values for the FB resistor
divider. The current flowing in the divider acts as a load
current, and will increase the no-load input current to the
converter, which is approximately:
IQ = 1.7µA+
VOUT
R1
+R2
VOUT
VIN
1
n
(2)
where 1.7µA is the quiescent current of the LT8613 and
the second term is the current in the feedback divider
reflected to the input of the buck operating at its light
load efficiency n. For a 3.3V application with R1 = 1M and
R2 = 412k, the feedback divider draws 2.3µA. With VIN =
12V and n = 80%, this adds 0.8µA to the 1.7µA quiescent
current resulting in 2.5µA no-load current from the 12V
supply. Note that this equation implies that the no-load
current is a function of VIN; this is plotted in the Typical
Performance Characteristics section.
When using large FB resistors, a 4.7pF to 10pF phase-lead
capacitor should be connected from VOUT to FB.
Setting the Switching Frequency
The LT8613 uses a constant frequency PWM architecture
that can be programmed to switch from 200kHz to 2.2MHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Table 1.
The RT resistor required for a desired switching frequency
can be calculated using:
RT =
46.5
fSW
– 5.2
(3)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.
Table 1. SW Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.2
232
0.3
150
0.4
110
0.5
88.7
0.6
71.5
0.7
60.4
0.8
52.3
1.0
41.2
1.2
33.2
14
28.0
1.6
23.7
1.8
20.5
2.0
18.2
2.2
15.8
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantageofhighfrequencyoperationisthatsmallerinduc-
tor and capacitor values may be used. The disadvantages
are lower efficiency and a smaller input voltage range.
The highest switching frequency (fSW(MAX)) for a given
application can be calculated as follows:
fSW(MAX) =
VOUT + VSW(BOT)
tON(MIN) VIN – VSW(TOP) + VSW(BOT)
(
)
(4)
where VIN is the typical input voltage, VOUT is the output
voltage, VSW(TOP) and VSW(BOT) are the internal switch
drops (~0.4V, ~0.18V, respectively at maximum load)
and tON(MIN) is the minimum top switch on-time (see the
Electrical Characteristics). This equation shows that a
slower switching frequency is necessary to accommodate
a high VIN/VOUT ratio.
For transient operation, VIN may go as high as the abso-
lute maximum rating of 42V regardless of the RT value,
however the LT8613 will reduce switching frequency as
necessary to maintain control of inductor current to as-
sure safe operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com