Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology LT8613 Datasheet HTML 22Page - Linear Technology LT8613 Datasheet HTML 23Page - Linear Technology LT8613 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
24
8613f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2012
LT 1114 • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT8613
relaTeD parTs
Typical applicaTion
Coincident Tracking Step-Downs Each with 5A Output Current Limit
PART NUMBER DESCRIPTION
COMMENTS
LT8610A/
LT8610AB
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8611
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA and Input/Output Current Limit/Monitor
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm 
× 5mm QFN-24 Package
LT8620
65V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 65V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E, 3mm 
× 5mm QFN-24 Packages
LT8614
42V, 4A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm 
× 4mm QFN-18 Package
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 3.0µA, ISD < 1µA,
3mm 
× 6mm QFN-28 Package
BST
VIN
EN/UV
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8611
GND
ISP
ISN
BIAS
PG
FB
0.1µF
100µF
VIN
4.1V TO 42V
1µF
0.1µF
3.3µH
0.010
88.7k
f = 500kHz
PGND
10µF ON OFF
1µF
232k
10pF
97.6k
16.5k
20k
BST
VIN
EN/UV
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8613
GND
ISP
ISN
BIAS
PG
FB
8613 TA12
0.1µF
VOUT
1.8V
2A
VOUT
3.3V
2A
100µF
×2
1µF
2.2µH
0.010
88.7k
f = 500kHz
L: VISHAY IHLP2525EZ-01
PGND
10µF
ON OFF
1µF
80.6k
4.7pF
93.1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com