Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology LT8613 Datasheet HTML 22Page - Linear Technology LT8613 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
19
8613f
applicaTions inForMaTion
Figure 6. Recommended PCB Layout for the LT8613
PCB Layout
ForproperoperationandminimumEMI,caremustbetaken
during printed circuit board layout. Figure 6 shows the
recommended component placement with trace, ground
plane and via locations. Note that large, switched currents
flow in the LT8613’s VINpins,PGNDpins,andtheinputca-
pacitor(C1).Theloopformedbytheinputcapacitorshould
be as small as possible by placing the capacitor adjacent
to the VIN and PGND pins. When using a physically large
input capacitor the resulting loop may become too large
in which case using a small case/value capacitor placed
close to the VIN and PGND pins plus a larger capacitor
further away is preferred. These components, along with
the inductor and output capacitor, should be placed on the
samesideofthecircuitboard,andtheirconnectionsshould
be made on that layer. Place a local, unbroken ground
plane under the application circuit on the layer closest to
the surface layer. The SW and BOOST nodes should be
as small as possible. Finally, keep the FB and RT nodes
small so that the ground traces will shield them from the
SW and BOOST nodes. The exposed pad on the bottom of
the package must be soldered to ground so that the pad
is connected to ground electrically and also acts as a heat
sink thermally. To keep thermal resistance low, extend the
ground plane as much as possible, and add thermal vias
under and near the LT8613 to additional ground planes
within the circuit board and on the bottom side.
High Temperature Considerations
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8613. The exposed pad on the bottom of the package
must be soldered to a ground plane. This ground should
be tied to large copper layers below with thermal vias;
these layers will spread heat dissipated by the LT8613.
Placing additional vias can reduce thermal resistance
further. The maximum load current should be derated
as the ambient temperature approaches the maximum
junction rating. Power dissipation within the LT8613 can
be estimated by calculating the total power loss from an
efficiencymeasurementandsubtractingtheinductorloss.
ThedietemperatureiscalculatedbymultiplyingtheLT8613
power dissipation by the thermal resistance from junction
to ambient. The LT8613 will stop switching and indicate
a fault condition if safe junction temperature is exceeded.
VOUT
8613 F06
OUTLINE OF LOCAL
GROUND PLANE
SW
BST
BIAS
INTVCC
GND
17
16
15
18
19
20
21
22
23
PG
FB
GND
VOUT
24
SYNC
TR/SS
RT
EN/UV
VIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
IMON
ISN
ISP
ICTRL
VOUT LINE TO BIAS
VOUT LINE TO ISN
LINE TO ISP
VIAS TO GROUND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com