Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8613 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology LT8613 Datasheet HTML 22Page - Linear Technology LT8613 Datasheet HTML 23Page - Linear Technology LT8613 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
21
8613f
Typical applicaTions
Digitally Controlled Current/Voltage Source
CCCV Battery Charger
–3.3V Negative Converter with 2A Output Current Limit
BST
VIN
EN/UV
ON OFF
SYNC
IMON
ICTRL
ADC
µC
DAC
INTVCC
TR/SS
RT
SW
LT8613
GND
ISP
BIAS
ISN
PG
8613 TA05
FB
0.1µF
VOUT
3.3V
6A
1µF
4.7pF
100µF
10µH
VIN
4.1V TO 42V
1µF
3.3µH
0.008
1M
412k
60.4k
fSW = 700kHz
PGND
L: VISHAY IHLP2525EZ-01
BST
VIN
EN/UV
ON OFF
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8613
GND
ISP
ISN
BIAS
PG
8613 TA06
FB
0.1µF
VOUT
4.1V
5A
1µF
10pF
Li-Ion
BATTERY
47µF
10µH
D1
VIN
5V TO 42V
1µF
3.3µH
0.010
324k
100k
60.4k
fSW = 700kHz
PGND
+
L: VISHAY IHLP2525EZ-01
BST
VIN
EN/UV
SYNC
IMON
60.4k
0.1µF
ICTRL
INTVCC
TR/SS
RT
SW
LT8613
GND
ISP
ISN
BIAS
PG
8613 TA07
FB
0.1µF
1µF
VOUT
–3.3V
2A
10pF
47µF
4.7µF
VIN
3.8V TO 38V
1µF
4.7µH
1M
0.025
412k
60.4k
f = 700kHz
L: COILCRAFT XAL6060
PGND
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com