Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4359 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4359
Description  Ideal Diode Controller with Reverse Input Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4359 Datasheet(HTML) 2 Page - Linear Technology

  LTC4359 Datasheet HTML 1Page - Linear Technology LTC4359 Datasheet HTML 2Page - Linear Technology LTC4359 Datasheet HTML 3Page - Linear Technology LTC4359 Datasheet HTML 4Page - Linear Technology LTC4359 Datasheet HTML 5Page - Linear Technology LTC4359 Datasheet HTML 6Page - Linear Technology LTC4359 Datasheet HTML 7Page - Linear Technology LTC4359 Datasheet HTML 8Page - Linear Technology LTC4359 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4359
2
Rev D
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
IN, SOURCE, SHDN................................... –40V to 100V
OUT (Note 3)................................................–2V to 100V
IN – OUT ..................................................–100V to 100V
IN – SOURCE .................................................–1V to 80V
GATE – SOURCE (Note 4) .........................–0.3V to +10V
(Notes 1, 2)
TOP VIEW
VSS
SHDN
IN
OUT
GATE
SOURCE
DCB PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 64°C/W
EXPOSED PAD (PIN 7) PCB VSS CONNECTION OPTIONAL
4
5
7
6
3
2
1
1
2
3
4
GATE
SOURCE
NC
IN
8
7
6
5
OUT
NC
VSS
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 163°C/W
1
2
3
4
8
7
6
5
TOP VIEW
OUT
NC
VSS
SHDN
GATE
SOURCE
NC
IN
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 130°C/W
PIN CONFIGURATION
ORDER INFORMATION
Operating Ambient Temperature Range
LTC4359C................................................ 0°C to 70°C
LTC4359I .............................................−40°C to 85°C
LTC4359H.......................................... −40°C to 125°C
Storage Temperature Range .................. −65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS, SO Packages .............................................300°C
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4359CDCB#TRMPBF
LTC4359CDCB#TRPBF
LFKF
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC4359IDCB#TRMPBF
LTC4359IDCB#TRPBF
LFKF
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4359HDCB#TRMPBF
LTC4359HDCB#TRPBF
LFKF
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4359CMS8#PBF
LTC4359CMS8#TRPBF
LTFKD
8-Lead Plastic MSOP
0°C to 70°C
LTC4359IMS8#PBF
LTC4359IMS8#TRPBF
LTFKD
8-Lead Plastic MSOP
–40°C to 85°C
LTC4359HMS8#PBF
LTC4359HMS8#TRPBF
LTFKD
8-Lead Plastic MSOP
–40°C to 125°C
LTC4359CS8#PBF
LTC4359CS8#TRPBF
4359
8-Lead Plastic SO
0°C to 70°C
LTC4359IS8#PBF
LTC4359IS8#TRPBF
4359
8-Lead Plastic SO
–40°C to 85°C
LTC4359HS8#PBF
LTC4359HS8#TRPBF
4359
8-Lead Plastic SO
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC4359#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com