Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4359 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4359
Description  Ideal Diode Controller with Reverse Input Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4359 Datasheet(HTML) 4 Page - Linear Technology

  LTC4359 Datasheet HTML 1Page - Linear Technology LTC4359 Datasheet HTML 2Page - Linear Technology LTC4359 Datasheet HTML 3Page - Linear Technology LTC4359 Datasheet HTML 4Page - Linear Technology LTC4359 Datasheet HTML 5Page - Linear Technology LTC4359 Datasheet HTML 6Page - Linear Technology LTC4359 Datasheet HTML 7Page - Linear Technology LTC4359 Datasheet HTML 8Page - Linear Technology LTC4359 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4359
4
Rev D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
OUT Current
vs Forward Voltage Drop
SOURCE Current
vs Forward Voltage Drop
Total Negative Current
vs Negative Input Voltage
Gate Current
vs Forward Voltage Drop
Gate Drive vs Gate Current
Gate Turn-Off Time
vs GATE Capacitance
IN Current in Regulation
IN Current in Shutdown
SOURCE Current in Shutdown
VIN (V)
0
100
150
80
4359 G01
50
0
20
40
60
200
VIN (V)
0
30
40
80
4359 G02
20
10
0
20
40
60
50
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
IN = SOURCE = OUT
SHDN = 0V
VSOURCE (V)
0
6
8
80
4359 G03
4
2
0
20
40
60
10
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
IN = SOURCE = OUT
SHDN = 0V
∆VSD (V)
–1
80
120
1
4359 G04
40
0
–0.5
0
0.5
160
VIN = 4V
VIN = 12V
VIN = 48V
∆VSD (V)
–1
50
0
150
100
1
4359 G05
–50
–0.5
0
0.5
200
VSOURCE = 4V
VSOURCE > 12V
IN = SOURCE
VOLTAGE (V)
0
–1
–1.5
–2
–40
4359 G06
–0.5
0
–10
–20
–30
IN = SOURCE= SHDN
∆VSD (mV)
–50
10
0
–10
–20
150
4359 G07
20
30
40
0
50
100
VIN = VSOURCE = 12V
VGATE = VIN +2.5V
IGATE (µA)
0
10
–10
4359 G08
5
0
–5
–15
15
IN = SOURCE
VIN = 4V
VIN = 8V
VIN > 12V
CGATE (nF)
0
400
600
8
4359 G09
200
0
2
4
6
10
800
VIN = 12V
∆VSD = 0.1V –1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com