Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4359 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4359
Description  Ideal Diode Controller with Reverse Input Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4359 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4359 Datasheet HTML 12Page - Linear Technology LTC4359 Datasheet HTML 13Page - Linear Technology LTC4359 Datasheet HTML 14Page - Linear Technology LTC4359 Datasheet HTML 15Page - Linear Technology LTC4359 Datasheet HTML 16Page - Linear Technology LTC4359 Datasheet HTML 17Page - Linear Technology LTC4359 Datasheet HTML 18Page - Linear Technology LTC4359 Datasheet HTML 19Page - Linear Technology LTC4359 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4359
20
Rev D
For more information www.analog.com
ANALOG DEVICES, INC. 2012-2018
D16846-0-4/18(D)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4352
Ideal Diode Controller with Monitor
Controls N-Channel MOSFET, 0V to 18V Operation
LTC4371
Negative Voltage Diode-OR Controller
and Monitor
Controls Two N-Channel MOSFETs, –4.5V to >–100V Operation
LTC4355
Positive Voltage Diode-OR Controller
and Monitor
Controls Two N-Channel MOSFETs, 0.4µs Turn-Off, 80V Operation
LTC4357
Positive High Voltage Ideal Diode
Controller
Controls Single N-Channel MOSFET, 0.5µs Turn-Off, 80V Operation
LTC4358
5A Ideal Diode
Internal N Channel MOSFET, 9V to 26.5V Operation
LT4363-1/LT4363-2
High Voltage Surge Stopper
Stops High Voltage Surges, 4V to 80V, –60V Reverse Input Protection
LTC4380
Low Quiescent Current Surge Stopper
8µA IQ, 4V to 72V Operation, –60V Reverse Input Protection
LT4256-1/LT4256-2
Positive High Voltage Hot Swap
Controllers
Active Current Limiting, Supplies from 10.8V to 80V
Latch-Off and Automatic Retry Option
LTC4260
Positive High Voltage Hot Swap
Controller
With I2C and ADC, Supplies from 8.5V to 80V
LTC4364
Surge Stopper with Ideal Diode
4V to 80V Operation, –40V Reverse Input, –20V Reverse Output
Figure 18. Input Diode for Supply Hold-Up on Plug-In Card
4359 F18
LTC4359
VSS
IN
SHDN
OUT
GATE
FDB3632
DDZ9699T
12V
PLUG-IN CARD
BACKPLANE
48V
VOUT1
GND
GND
1k
CHOLDUP
1.5µF
SMAT70A
70V
SOURCE
LTC4260
Hot Swap™
CONTROLLER
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com