Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4359 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4359
Description  Ideal Diode Controller with Reverse Input Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4359 Datasheet(HTML) 3 Page - Linear Technology

  LTC4359 Datasheet HTML 1Page - Linear Technology LTC4359 Datasheet HTML 2Page - Linear Technology LTC4359 Datasheet HTML 3Page - Linear Technology LTC4359 Datasheet HTML 4Page - Linear Technology LTC4359 Datasheet HTML 5Page - Linear Technology LTC4359 Datasheet HTML 6Page - Linear Technology LTC4359 Datasheet HTML 7Page - Linear Technology LTC4359 Datasheet HTML 8Page - Linear Technology LTC4359 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4359
3
Rev D
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All currents into pins are positive; all voltages are referenced to
VSS unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Supply Range
l
4
80
V
IIN
IN Current
IN = 12V
IN = OUT = 12V, SHDN = 0V
IN = OUT = 24V, SHDN = 0V
IN = −40V
l
l
l
l
0
150
9
15
–15
200
20
30
–40
µA
µA
µA
µA
IOUT
OUT Current
IN = 12V, In Regulation
IN = 12V, ∆VSD = −1V
IN = OUT = 12V, SHDN = 0V
IN = OUT = 24V, SHDN = 0V
OUT = 12V, IN = SHDN = 0V
l
l
l
l
l
3
5
120
0.8
0.8
6
7.5
220
3
3
12
µA
µA
µA
µA
µA
ISOURCE
SOURCE Current
IN = 12V, ∆VSD = −1V
IN = SOURCE = 12V, SHDN = 0V
SOURCE = –40V
l
l
l
1
–0.4
150
4
–0.8
200
15
–1.5
µA
µA
mA
∆VGATE
Gate Drive (GATE–SOURCE)
IN = 4V, IGATE = 0, −1µA
IN = 8V to 80V; IGATE = 0, –1µA
l
l
4.5
10
5.5
12
15
15
V
V
∆VSD
Source-Drain Regulation Voltage (IN –OUT) ∆VGATE = 2.5V
l
20
30
45
mV
IGATE(UP)
Gate Pull-Up Current
GATE = IN, ∆VSD = 0.1V
l
–6
–10
–14
µA
IGATE(DOWN) Gate Pull-Down Current
Fault Condition, ∆VGATE = 5V, ∆VSD = −1V
Shutdown Mode, ∆VGATE = 5V, ∆VSD = 0.7V
l
l
70
0.6
130
180
mA
mA
tOFF
Gate Turn-Off Delay Time
∆VSD = 0.1V to −1V, ∆VGATE < 2V,
CGATE = 0pF
l
0.3
0.5
µs
tON
Gate Turn-On Delay Time
IN = 12V, SOURCE = OUT = 0V, SHDN = 0V to 2V
∆VGATE > 4.5V, CGATE = 0pF
200
µs
VSHDN(TH) SHDN Pin Input Threshold
IN = 4V to 80V
l
0.6
1.2
2
V
VSHDN(FLT) SHDN Pin Float Voltage
IN = 4V to 80V
l
0.6
1.75
2.5
V
ISHDN
SHDN Pin Current
SHDN = 0.5V, LTC4359I, LTC4359C
SHDN = 0.5V, LTC4359H
SHDN = −40V
Maximum Allowable Leakage, VIN = 4V
l
l
l
–1
–0.5
–0.4
–3
–3
–0.8
100
–5
–5
–1.5
µA
µA
mA
nA
VSOURCE(TH) Reverse SOURCE Threshold for GATE Off
GATE = 0V, IGATE(DOWN) = 1mA
l
–0.9
–1.8
–2.7
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, IN = 12V, SOURCE = IN, unless otherwise noted.
Note 3. An internal clamp limits the OUT pin to a minimum of 100V above
VSS. Driving this pin with more current than 1mA may damage the device.
Note 4. An internal clamp limits the GATE pin to a minimum of 10V above
IN or 100V above VSS. Driving this pin to voltages beyond the clamp may
damage the device.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com