Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4371 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4371 Datasheet HTML 9Page - Linear Technology LTC4371 Datasheet HTML 10Page - Linear Technology LTC4371 Datasheet HTML 11Page - Linear Technology LTC4371 Datasheet HTML 12Page - Linear Technology LTC4371 Datasheet HTML 13Page - Linear Technology LTC4371 Datasheet HTML 14Page - Linear Technology LTC4371 Datasheet HTML 15Page - Linear Technology LTC4371 Datasheet HTML 16Page - Linear Technology LTC4371 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC4371
13
4371f
For more information www.linear.com/LTC4371
applicaTions inForMaTion
Figure 11. Fuse and Open MOSFET Detection
Figure 12. Back-to-Back Drain Pin Limiter for ±600V
Fuse and Open MOSFET Detection
The LTC4371 monitors ∆VSDofeachchannelasmeasured
across SA – DA and SB – DB. If ∆VSD of either channel
exceeds 200mV and the associated gate pin is driven fully
on, FAULTB pulls low to indicate a fault. Conditions lead-
ing to high ∆VSD include excessive load current (ILOAD ×
RDS(ON) > 200mV), an open circuit MOSFET or an open
fuse placed in series with the MOSFET. A high ∆VSD fault
is detected on only the highest voltage input supply, i.e.
the path that should be supplying power is, as a result of
one of the aforementioned conditions, unable to do so.
Temporary conditions, such as the initial 700mV drop
experienced when an input first rises to the point of sup-
plying current but before the gate has been driven on, are
maskedsincethegatemustalsobehighforfaultdetection.
The ∆VSD monitor can be used to detect open fuses, as
shown in Figure 11. An open fuse gives the same signa-
ture as an open MOSFET: ∆VSD increases beyond 200mV
when the affected input surpasses the opposing channel.
The connection shown in Figure  11 introduces a new
problem: an open fuse and open MOSFET exposes the DA
and DB pins to high negative voltage with respect to VSS.
Diodes D1 and D2 clamp the DA, DB pins from exceeding
the absolute maximum of –40V with respect to VSS.
Figure 12 shows a protection method that extends DA and
DB pin operation to ±600V. The drain pins are clamped
by an 82V Zener diode. As shown, the DA pin is clamped
at 82V with respect to VSS in the positive direction, and
700mV below VSS in the negative direction. When a high
input voltage of either polarity is present, back-to-back
depletion mode N-channel MOSFETs limit the current in
the Zener diode to VGS(TH)/RDA (100μA for RDA = 20kΩ),
a value that is indefinitely sustainable.
FAULTB Pin
The open drain FAULTB pin pulls low when the ∆VSD of
either channel exceeds 200mV, while its gate is driven
fully on. FAULTB can sink 5mA to drive an LED for visual
indication, or an opto isolator to communicate across an
isolation barrier. The FAULTB pin voltage is limited to 17V
absolute maximum with respect to VSS in the high state
and cannot be pulled up to return except in low voltage
applications.
In Figure 13, the FAULTB pin is used to shunt current away
from a green LED; the LED indicates (illuminates when) no
fault condition is present. The operating voltage is limited
at the low end by the minimum acceptable LED current,
and at the high end by the FAULTB pin’s 5mA capability.
Figure 14 shows a simple implementation driving a red
LED; the LED indicates a fault condition is present. While
this simple configuration works well in –48V applications,
themaximumoperatingvoltageislimitedto100V,theLED
4371 F11
LTC4371
DA
DB
GA GB
SA SB VSS
RDA
20k
RDB
20k
M1
M2
VA
–36V TO
–72V
VB
–36V TO
–72V
VOUT
D1
1N4148W
D2
1N4148W
F1
F2
4371 F12
LTC4371
DA
GA
SA
VSS
M2*
M3*
M1
VA
VOUT
RDA
20k
82V
*M2, M3: BSP135 (600V) DEPLETION NMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com