Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4371 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4371 Datasheet HTML 14Page - Linear Technology LTC4371 Datasheet HTML 15Page - Linear Technology LTC4371 Datasheet HTML 16Page - Linear Technology LTC4371 Datasheet HTML 17Page - Linear Technology LTC4371 Datasheet HTML 18Page - Linear Technology LTC4371 Datasheet HTML 19Page - Linear Technology LTC4371 Datasheet HTML 20Page - Linear Technology LTC4371 Datasheet HTML 21Page - Linear Technology LTC4371 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LTC4371
21
4371f
For more information www.linear.com/LTC4371
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
package DescripTion
Please refer to http://www.linear.com/product/4371#packaging for the most recent package drawings.
3.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2).
CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
±0.10
BOTTOM VIEW—EXPOSED PAD
1.65
±0.10
(2 SIDES)
0.75
±0.05
R = 0.125
TYP
2.38
±0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DD) DFN REV C 0310
0.25
±0.05
2.38
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.15
±0.05
0.50
BSC
0.70
±0.05
3.55
±0.05
PACKAGE
OUTLINE
0.25
±0.05
0.50 BSC
DD Package
10-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1699 Rev C)
PIN 1 NOTCH
R = 0.20 OR
0.35
× 45°
CHAMFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com