Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4371 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 2 Page - Linear Technology

  LTC4371 Datasheet HTML 1Page - Linear Technology LTC4371 Datasheet HTML 2Page - Linear Technology LTC4371 Datasheet HTML 3Page - Linear Technology LTC4371 Datasheet HTML 4Page - Linear Technology LTC4371 Datasheet HTML 5Page - Linear Technology LTC4371 Datasheet HTML 6Page - Linear Technology LTC4371 Datasheet HTML 7Page - Linear Technology LTC4371 Datasheet HTML 8Page - Linear Technology LTC4371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC4371
2
4371f
For more information www.linear.com/LTC4371
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
DB
GB
SB
FAULTB
VSS
DA
GA
SA
VZ
VDD
TJMAX = 125°C, θJA = 43°C/W (NOTE 4)
EXPOSED PAD (PIN 11) PCB VSS CONNECTION OPTIONAL
1
2
3
4
5
DA
GA
SA
VZ
VDD
10
9
8
7
6
DB
GB
SB
FAULTB
VSS
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage VDD.................................... –0.3V to 17V
Input Voltage
DA, DB (Note 3) .................................... –40V to 100V
SA, SB .................................................. –0.3V to 0.3V
DC Currents
VZ ......................................................................20mA
DA, DB............................................................... ±1mA
Single Pulse Current (6ms) DA, DB........................10mA
(Notes 1, 2)
orDer inForMaTion
Output Voltages
GA, GB................................................... –0.3V to VDD
FAULTB.................................................. –0.3V to 17V
Operating Ambient Temperature Range
LTC4371C ................................................ 0°C to 70°C
LTC4371I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Package......................................................300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4371CDD#PBF
LTC4371CDD#TRPBF
LGSD
10-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4371IDD#PBF
LTC4371IDD#TRPBF
LGSD
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4371CMS#PBF
LTC4371CMS#TRPBF
LTGSF
10-Lead Plastic MSOP
0°C to 70°C
LTC4371IMS#PBF
LTC4371IMS#TRPBF
LTGSF
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
(http://www.linear.com/product/LTC4371#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com